Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS20091 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS20091
Description  Operational Amplifier, Rail-to-Rail Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS20091 Datasheet(HTML) 1 Page - ON Semiconductor

  NCS20091_16 Datasheet HTML 1Page - ON Semiconductor NCS20091_16 Datasheet HTML 2Page - ON Semiconductor NCS20091_16 Datasheet HTML 3Page - ON Semiconductor NCS20091_16 Datasheet HTML 4Page - ON Semiconductor NCS20091_16 Datasheet HTML 5Page - ON Semiconductor NCS20091_16 Datasheet HTML 6Page - ON Semiconductor NCS20091_16 Datasheet HTML 7Page - ON Semiconductor NCS20091_16 Datasheet HTML 8Page - ON Semiconductor NCS20091_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 4
1
Publication Order Number:
NCS2009/D
NCS20091, NCV20091,
NCS20092, NCV20092,
NCS20094, NCV20094
Operational Amplifier,
Rail-to-Rail Input and
Output, 350 kHz
The NCS2009 series operational amplifiers provide rail−to−rail
input and output operation, 350 kHz bandwidth, and are available in
single, dual, and quad configurations. Rail−to−rail operation gives
designers use of the entire supply voltage range while taking
advantage of the 350 kHz bandwidth. The NCS2009 can operate on
supply voltages from 1.8 to 5.5 V over a temperature range from
−40
°C to 125°C. At a 1.8 V supply, this device has a slew rate of 0.15
V/
ms while consuming only 20 mA of quiescent current per channel.
Since this is a CMOS device, high input impedance and low bias
currents make it ideal for interfacing to a wide variety of signal
sensors. The NCS2009 devices are available in a variety of compact
packages.
Features
Rail−to−Rail Input and Output
Wide Supply Range: 1.8 to 5.5 V
Wide Bandwidth: 350 kHz
Slew Rate: 0.15 V/ms at VS = 1.8 V
Low Supply Current: 20 mA per Channel at VS = 1.8 V
Low Input Bias Current: 1 pA Typical
Wide Temperature Range: −40°C to 125°C
Available in a Variety of Packages
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Unity Gain Buffer
Battery Powered / Low Quiescent Current Applications
Low Cost Current Sensing
Automotive
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
www.onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information on page 3 of
this data sheet.
1
14
SOIC−14
CASE 751A
SC70−5
CASE 419A
1
5
TSOP−5/SOT23−5
CASE 483
Micro8
]/MSOP8
CASE 846A
1
8
SOIC−8
CASE 751
TSSOP−8
CASE 948S
TSSOP−14
CASE 948G
See general marking information in the device marking
section on page 2 of this data sheet.
DEVICE MARKING INFORMATION
UDFN6
CASE 517AP
1
6
1
14


Similar Part No. - NCS20091_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20091 ONSEMI-NCS20091 Datasheet
686Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
More results

Similar Description - NCS20091_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com