Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB82AA2IPGEEP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TSB82AA2IPGEEP
Description  1394b OHCI-Lynx Controller
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB82AA2IPGEEP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSB82AA2IPGEEP Datasheet HTML 4Page - Texas Instruments TSB82AA2IPGEEP Datasheet HTML 5Page - Texas Instruments TSB82AA2IPGEEP Datasheet HTML 6Page - Texas Instruments TSB82AA2IPGEEP Datasheet HTML 7Page - Texas Instruments TSB82AA2IPGEEP Datasheet HTML 8Page - Texas Instruments TSB82AA2IPGEEP Datasheet HTML 9Page - Texas Instruments TSB82AA2IPGEEP Datasheet HTML 10Page - Texas Instruments TSB82AA2IPGEEP Datasheet HTML 11Page - Texas Instruments TSB82AA2IPGEEP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
1--1
1 Introduction
This chapter provides an overview of the Texas Instruments TSB82AA2 device and its features.
1.1 Description
The TSB82AA2 OHCI-Lynx is a discrete 1394b link-layer device, which has been designed to meet the demanding
requirements of today’s 1394 bus designs. The TSB82AA2 device is capable of exceptional 800M bits/s performance;
thus, providing the throughput and bandwidth to move data efficiently and quickly between the PCI and 1394 buses.
The TSB82AA2 device also provides outstanding ultra-low power operation and intelligent power management
capabilities. The device provides the IEEE 1394 link function and is compatible with 100M bits/s, 200M bits/s,
400M bits/s, and 800M bits/s serial bus data rates.
The TSB82AA2 improved throughput and increased bandwidth make it ideal for today’s high-end PCs and open the
door for the development of S800 RAID- and SAN-based peripherals.
The TSB82AA2 OHCI-Lynx operates as the interface between a 33-MHz/64-bit or 33-MHz/32-bit PCI local bus and
a compatible 1394b PHY-layer device (such as the TSB81BA3 device) that is capable of supporting serial data rates
at 98.304M, 196.608M, 393.216M, or 786.432M bits/s (referred to as S100, S200, S400, or S800 speeds,
respectively). When acting as a PCI bus master, the TSB82AA2 device is capable of multiple cacheline bursts of data,
which can transfer at 264M bytes/s for 64-bit transfers or 132M bytes/s for 32-bit transfers after connecting to the
memory controller.
Due to the high throughput potential of the TSB82AA2 device, it possible to encounter large PCI and legacy 1394
bus latencies, which can cause the 1394 data to be overrun. To overcome this potential problem, the TSB82AA2
implements deep transmit and receive FIFOs (see Section 1.2, Features, for FIFO size information) to buffer the 1394
data, thus preventing possible problems due to bus latency. This also ensures that the device can transmit and receive
sustained maximum size isochronous or asynchronous data payloads at S800.
The TSB82AA2 device implements other performance enhancements to improve overall performance of the device,
such as: a highly tuned physical data path for enhanced SBP-2 performance, physical post writing buffers, multiple
isochronous contexts, and advanced internal arbitration.
The TSB82AA2 device also implements hardware enhancements to better support digital video (DV) and MPEG data
stream reception and transmission. These enhancements are enabled through the isochronous receive digital video
enhancements register at TI extension offset A80h (see Section 5.4, Isochronous Receive Digital Video
Enhancements Register). These enhancements include automatic time stamp insertion for transmitted DV and
MPEG-formatted streams and common isochronous packet (CIP) header stripping for received DV streams.
The CIP format is defined by the IEC 61883-1:1998 specification. The enhancements to the isochronous data
contexts are implemented as hardware support for the synchronization timestamp for both DV and audio/video CIP
formats. The TSB82AA2 device supports modification of the synchronization timestamp field to ensure that the value
inserted via software is not stale—that is, less than the current cycle timer when the packet is transmitted.
The TSB82AA2 performance and enhanced throughput make it an excellent choice for today’s 1394 PC market;
however, the portable, mobile, and even today’s desktop PCs power management schemes continue to require
devices to use less and less power, and Texas Instrument’s 1394 OHCI-Lynx product line has continued to raise the
bar by providing the lowest power 1394 link-layers in the industry. The TSB82AA2 device represents the next
evolution of Texas Instruments commitment to meet the challenge of power-sensitive applications. The TSB82AA2
device has ultra-low operational power requirements and intelligent power management capabilities that allow it to
autonomously conserve power based on the device usage.
One of the key elements for reducing the TSB82AA2 operational power requirements is Texas Instrument’s advanced
CMOS process and the implementation of an internal 1.8-V core, which is supplied by an improved integrated 3.3-V
to 1.8-V voltage regulator. The TSB82AA2 device implements a next generation voltage regulator which is more


Similar Part No. - TSB82AA2IPGEEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB82AA2IPGE TI1-TSB82AA2IPGE Datasheet
33Kb / 3P
[Old version datasheet]   1394b OHCI-Lynx Controller
More results

Similar Description - TSB82AA2IPGEEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB82AA2B TI-TSB82AA2B Datasheet
79Kb / 5P
[Old version datasheet]   1394b OHCI-Lynx??CONTROLLER
TSB82AA2IPGE TI1-TSB82AA2IPGE Datasheet
33Kb / 3P
[Old version datasheet]   1394b OHCI-Lynx Controller
TSB82AA2 TI-TSB82AA2 Datasheet
461Kb / 104P
[Old version datasheet]   1394b OHCI-LYNX CONTROLLER
TSB82AA2 TI1-TSB82AA2_14 Datasheet
40Kb / 4P
[Old version datasheet]   1394b OHCI-Lynx Controller
TSB82AA2-EP TI-TSB82AA2-EP Datasheet
719Kb / 102P
[Old version datasheet]   1394b OHCI-Lynx Controller Data Manual
TSB82AA2B TI1-TSB82AA2B_14 Datasheet
539Kb / 102P
[Old version datasheet]   OHCI-Lynx Controller
TSB12LV26 TI1-TSB12LV26_14 Datasheet
82Kb / 6P
[Old version datasheet]   OHCI-Lynx??PCI-Based IEEE 1394 Host Controller
TSB12LV26PZT TI-TSB12LV26PZT Datasheet
62Kb / 5P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host Controller
TSB12LV26 TI-TSB12LV26 Datasheet
391Kb / 91P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV22 TI-TSB12LV22 Datasheet
657Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com