Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS20092DMR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCS20092DMR2G
Description  Operational Amplifier, Rail-to-Rail Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS20092DMR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCS20092DMR2G Datasheet HTML 2Page - ON Semiconductor NCS20092DMR2G Datasheet HTML 3Page - ON Semiconductor NCS20092DMR2G Datasheet HTML 4Page - ON Semiconductor NCS20092DMR2G Datasheet HTML 5Page - ON Semiconductor NCS20092DMR2G Datasheet HTML 6Page - ON Semiconductor NCS20092DMR2G Datasheet HTML 7Page - ON Semiconductor NCS20092DMR2G Datasheet HTML 8Page - ON Semiconductor NCS20092DMR2G Datasheet HTML 9Page - ON Semiconductor NCS20092DMR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NCS20091, NCV20091, NCS20092, NCV20092, NCS20094, NCV20094
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS AT VS = 3.3 V
TA = 25°C; RL ≥ 10 kW; VCM = VOUT = mid−supply unless otherwise noted.
Boldface limits apply over the specified temperature range, TA = −40°C to 125°C. (Note 9)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
0.5
3.5
mV
4
mV
Offset Voltage Drift
DVOS/DT
1
mV/°C
Input Bias Current (Note 9)
IIB
1
pA
1500
pA
Input Offset Current (Note 9)
IOS
1
pA
1100
pA
Channel Separation
XTLK
DC
125
dB
Differential Input Resistance
RID
10
G
W
Common Mode Input Resistance
RIN
10
G
W
Differential Input Capacitance
CID
1
pF
Common Mode Input Capacitance
CCM
5
pF
Common Mode Rejection Ratio
CMRR
VCM = VSS – 0.2 to VDD + 0.2
53
76
dB
VCM = VSS + 0.2 to VDD − 0.2
48
OUTPUT CHARACTERISTICS
Open Loop Voltage Gain
AVOL
85
120
dB
73
Short Circuit Current
ISC
Output to positive rail, sinking current
8.5
mA
Output to negative rail, sourcing current
7.5
Output Voltage High
VOH
Voltage output swing from positive rail
3
24
mV
25
Output Voltage Low
VOL
Voltage output swing from negative rail
3
24
mV
25
AC CHARACTERISTICS
Unity Gain Bandwidth
UGBW
350
kHz
Slew Rate at Unity Gain
SR
VIN = 2.5 Vpp, Gain = 1
0.15
V/
ms
Phase Margin
ym
60
°
Gain Margin
Am
15
dB
Settling Time
tS
VIN = 2.5 Vpp,
Gain = 1
Settling time to 0.1%
21
ms
Settling time to 0.01%
27
Open Loop Output Impedance
ZOL
f = 100 Hz
1
W
NOISE CHARACTERISTICS
Total Harmonic Distortion plus Noise
THD+N
VIN = 2.5 Vpp, f = 1 kHz, Av = 1
0.04
%
Input Referred Voltage Noise
en
f = 1 kHz
40
nV/
√Hz
f = 10 kHz
30
Input Referred Current Noise
in
f = 1 kHz
300
fA/
√Hz
SUPPLY CHARACTERISTICS
Power Supply Rejection Ratio
PSRR
No Load
63
90
dB
60
Power Supply Quiescent Current
IDD
Per channel, no load
21
31
mA
9. Performance guaranteed over the indicated operating temperature range by design and/or characterization.


Similar Part No. - NCS20092DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20092 ONSEMI-NCS20092 Datasheet
686Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
More results

Similar Description - NCS20092DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com