Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA3291 Datasheet(PDF) 11 Page - ON Semiconductor

Part # SA3291
Description  Preconfigured Wireless DSP System
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA3291 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button SA3291_16 Datasheet HTML 7Page - ON Semiconductor SA3291_16 Datasheet HTML 8Page - ON Semiconductor SA3291_16 Datasheet HTML 9Page - ON Semiconductor SA3291_16 Datasheet HTML 10Page - ON Semiconductor SA3291_16 Datasheet HTML 11Page - ON Semiconductor SA3291_16 Datasheet HTML 12Page - ON Semiconductor SA3291_16 Datasheet HTML 13Page - ON Semiconductor SA3291_16 Datasheet HTML 14Page - ON Semiconductor SA3291_16 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AYRE SA3291
www.onsemi.com
11
each band, the masking threshold variations resulting from
the energy in other adjacent bands is taken into account.
Finally, the noise reduction gain is also adjusted to take
advantage of the natural masking of ‘noisy’ bands by speech
bands over time.
Based on this approach, only enough attenuation is
applied to bring the energy in each ‘noisy’ band to just below
the masking threshold. This prevents excessive amounts of
attenuation from being applied and thereby reduces
unwanted artifacts and audio distortion. The Noise
Reduction algorithm efficiently removes a wide variety of
types of noise, while retaining natural speech quality and
level. The level of noise reduction (aggressiveness) is
configurable to 3, 6, 9 and 12 dB of reduction.
Directional Microphones
In any directional mode, the circuitry includes a fixed
filter for compensating the sensitivity and frequency
response differences between microphones. The filter
parameters are adjusted during product calibration.
A dedicated biquad filter following the directional block
has been allocated for low frequency equalization to
compensate for the 6 dB/octave roll−off in frequency
response that occurs in directional mode. The amount of low
frequency equalization that is applied is programmable.
ON
Semiconductor
recommends
using
matched
microphones. The maximum spacing between the front and
rear microphones cannot exceed 20 mm (0.787 in).
Adaptive Directional Microphones (ADM)
ON Semiconductor’s Adaptive Directional Microphone
algorithm is a two−microphone processing scheme for
hearing aids. It is designed to automatically reduce the level
of sound sources that originate from behind or the side of the
hearing−aid wearer without affecting sounds from the front.
The algorithm accomplishes this by adjusting the null in the
microphone polar pattern to minimize the noise level at the
output of the ADM. The discrimination between desired
signal and noise is based entirely on the direction of arrival
with respect to the hearing aid: sounds from the front
hemisphere are passed unattenuated whereas sounds
arriving from the rear hemisphere are reduced.
The angular location of the null in the microphone polar
pattern is continuously variable over a range of 90 to 180
degrees where 0 degrees represents the front.
The location of the null in the microphone pattern is
influenced by the nature of the acoustic signals (spectral
content, direction of arrival) as well as the acoustical
characteristics of the room. The ADM algorithm steers
a single, broadband null to a location that minimizes the
output noise power. If a specific noise signal has frequency
components that are dominant, then these will have a larger
influence on the null location than a weaker signal at
a different location. In addition, the position of the null is
affected by acoustic reflections. The presence of an acoustic
reflection may cause a noise source to appear as if it
originates at a location other than the true location. In this
case, the ADM algorithm chooses a compromise null
location that minimizes the level of noise at the ADM
output.
Automatic Adaptive Directional Microphones
When Automatic ADM mode is selected, the adaptive
directional microphone remains enabled as long as the
ambient sound level is above a specific threshold and the
directional
microphone
has
not
converged
to
an
omni−directional polar pattern. On the other hand, if the
ambient sound level is below a specific threshold, or if the
directional
microphone
has
converged
to
an
omni−directional polar pattern, then the algorithm will
switch to single microphone, omni−directional state to
reduce current consumption. While in this omni−directional
state, the algorithm will periodically check for conditions
warranting the enabling of the adaptive directional
microphone.
FrontWave Directionality
The FrontWave block provides the resources necessary to
implement directional microphone processing. The block
accepts inputs from both a front and rear microphone and
provides a synthesized directional microphone signal as its
output. The directional microphone output is obtained by
delaying the rear microphone signal and subtracting it from
the front microphone signal. Various microphone response
patterns can be obtained by adjusting the time delay.
In−Situ Datalogging − iLog 4.0
The Ayre SA3291 has a datalogging function that records
information every 4 s to 60 minutes (programmable) about
the state of the hearing aid and its environment to
non−volatile memory. The function can be enabled with the
ARK software and information collection will begin the
next time the hybrid is powered up. This information is
recorded over time and can be downloaded for analysis.
The following parameters are sampled:
Battery level
Volume control setting
Program memory selection
Environment
Ambient sound level
Length of time the hearing aid was powered on
Wireless audio and phone streaming
The information is recorded using two methods in parallel:
Short−term method − a circular buffer is serially filled
with entries that record the state of the first five of the
above variables at the configured time interval.
Long−term method − increments a counter based on the
memory state at the same time interval as that of the
short−term method. Based on the value stored in the
counter, length of time the hearing aid was powered on
can be calculated.


Similar Part No. - SA3291_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA3291A-E1 ONSEMI-SA3291A-E1 Datasheet
169Kb / 20P
   Preconfigured Wireless DSP System for Hearing Aids
March, 2015 ??Rev. 7
SA3291A-E1-T ONSEMI-SA3291A-E1-T Datasheet
169Kb / 20P
   Preconfigured Wireless DSP System for Hearing Aids
March, 2015 ??Rev. 7
More results

Similar Description - SA3291_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GB3225 ONSEMI-GB3225 Datasheet
113Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
R3710 ONSEMI-R3710_16 Datasheet
147Kb / 18P
   Preconfigured DSP System
June, 2016 ??Rev. 6
R3910 ONSEMI-R3910 Datasheet
172Kb / 22P
   Preconfigured DSP System
August, 2015 ??Rev. 9
SA3291 ONSEMI-SA3291 Datasheet
169Kb / 20P
   Preconfigured Wireless DSP System for Hearing Aids
March, 2015 ??Rev. 7
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
R3920 ONSEMI-R3920 Datasheet
219Kb / 13P
   Preconfigured DSP System
August, 2015 ??Rev. 4
GA3224 ONSEMI-GA3224 Datasheet
115Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
R3710 ONSEMI-R3710 Datasheet
147Kb / 18P
   Preconfigured DSP System
December, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com