Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB83AA22A Datasheet(PDF) 2 Page - Texas Instruments

Part # TSB83AA22A
Description  TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB83AA22A Datasheet(HTML) 2 Page - Texas Instruments

  TSB83AA22A_08 Datasheet HTML 1Page - Texas Instruments TSB83AA22A_08 Datasheet HTML 2Page - Texas Instruments TSB83AA22A_08 Datasheet HTML 3Page - Texas Instruments TSB83AA22A_08 Datasheet HTML 4Page - Texas Instruments TSB83AA22A_08 Datasheet HTML 5Page - Texas Instruments TSB83AA22A_08 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.ti.com
DESCRIPTION
TSB83AA22A
SLLA255 – APRIL 2006
PCI Burst Transfers and Deep FIFOs to
Programmable Asynchronous Transmit
Tolerate Large Host Latency:
Threshold
– Transmit FIFO—5K Asynchronous
Isochronous Receive Dual-Buffer Mode
– Transmit FIFO—2K Isochronous
Out-of-Order Pipelining for Asynchronous
Transmit Requests
– Receive FIFO—2K Asynchronous
Initial-Bandwidth-Available and
– Receive FIFO—2K Isochronous
Initial-Channels-Available Registers
D0, D1, D2, and D3 Power States and PME
Digital Video and Audio Performance
Events per the PCI Bus Power Management
Enhancements
Interface Specification
The TSB83AA22A is an IEEE Std 1394b-2002 link-layer design and Phy design combined in a single package to
meet the demanding requirements of today’s 1394 bus applications. The TSB83AA22A device is capable of
exceptional 800-Mbps performance; thus, providing the throughput and bandwidth to move data efficiently and
quickly between the PCI and 1394 buses. The TSB83AA22A device also provides outstanding ultralow-power
operation and intelligent power management capabilities. The device provides the IEEE 1394 LLC function and
Phy function and is compatible with 100 Mbps, 200 Mbps, 400 Mbps, and 800 Mbps serial-bus data rates.
The TSB83AA22A operates as the interface between 33-MHz/32-bit PCI local bus and an IEEE Std 1394a-2000
or IEEE Std 1394b-2002 serial bus interface. It is capable of supporting serial data rates at 98.304, 196.608,
393.216, 491.52, or 786.432 Mbps (referred to as S100, S200, S400, S400B, or S800 speeds, respectively).
When acting as a PCI bus master, the TSB83AA22A device is capable of multiple cacheline bursts of data,
which can transfer at 132M bytes/s for 32-bit transfers after connecting to the memory controller.
Due to the high throughput potential of the TSB83AA22A device, it possible to encounter large PCI and legacy
1394 bus latencies, which can cause the 1394 data to be overrun. To overcome this potential problem, the
TSB83AA22A implements deep transmit and receive FIFOs (see Section 1.1, Features, for FIFO size
information) to buffer the 1394 data, thus preventing possible problems due to bus latency. This also ensures
that the device can transmit and receive sustained maximum-size isochronous or asynchronous data payloads
at S800.
The TSB83AA22A LLC section implements other performance enhancements to improve overall performance of
the device, such as: a highly tuned physical data path for enhanced SBP-2 performance, physical post writing
buffers, multiple isochronous contexts, and advanced internal arbitration.
The TSB83AA22A LLC section also implements hardware enhancements to better support digital video (DV)
and MPEG data stream reception and transmission. These enhancements are enabled through the isochronous
receive digital video enhancements register at TI extension offset A80h (see Section 6.3.4, Isochronous Receive
Digital Video Enhancements Register). These enhancements include automatic time stamp insertion for
transmitted DV and MPEG-formatted streams and common isochronous packet (CIP) header stripping for
received DV streams.
The CIP format is defined by the IEC 61883-1:1998 specification. The enhancements to the isochronous data
contexts are implemented as hardware support for the synchronization timestamp for both DV and audio/video
CIP formats. The TSB83AA22A device supports modification of the synchronization timestamp field to ensure
that the value inserted via software is not stale — that is, less than the current cycle timer when the packet is
transmitted.
The TSB83AA22A performance and enhanced throughput make it an excellent choice for today’s 1394 PC
market; however, the portable, mobile, and even today’s desktop PCs power management schemes continue to
require devices to use less and less power, and Texas Instrument’s 1394 product line has continued to raise the
bar by providing the lowest-power 1394 devices in the industry. The TSB83AA22A device represents the next
evolution of Texas Instruments commitment to meet the challenge of power-sensitive applications. The
TSB83AA22A device has ultralow operational power requirements and intelligent power management
capabilities that allow it to conserve power autonomously based on the device usage. The TSB83AA22A LLC
section fully supports D0, D1, D2, and D3hot/cold power states as specified in the PC 2001 Design Guide
requirements and the PCI Power Management Specification. PME wake event support is subject to operating
system support and implementation.
2
Submit Documentation Feedback


Similar Part No. - TSB83AA22A_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB83AA22A TI1-TSB83AA22A_14 Datasheet
68Kb / 7P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
More results

Similar Description - TSB83AA22A_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB83AA23 TI-TSB83AA23 Datasheet
145Kb / 8P
[Old version datasheet]   IEEE Std 1394b-2002 PHY AND OHCI LINK DEVICE
TSB83AA22A TI1-TSB83AA22A_14 Datasheet
68Kb / 7P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI-TSB83AA22A Datasheet
55Kb / 6P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
[Old version datasheet]   Phy and OHCI Link Device
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
[Old version datasheet]   PHY and OHCI Link Device
TSB43AB23PDTG4 TI1-TSB43AB23PDTG4 Datasheet
665Kb / 110P
[Old version datasheet]   IEEE 1394a-2000 OHCI PHY/Link Layer Controller 
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
XIO2221 TI1-XIO2221 Datasheet
1Mb / 196P
[Old version datasheet]   PCI Express??TO 1394b OHCI WITH 1-PORT PHY
XIO2213A TI-XIO2213A_10 Datasheet
1Mb / 186P
[Old version datasheet]   PCI Express to 1394b OHCI with 3-Port PHY
XIO2213B TI-XIO2213B Datasheet
2Mb / 199P
[Old version datasheet]   PCI Express??TO 1394b OHCI WITH 3-PORT PHY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com