Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP2036A Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS31AP2036A
Description  HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2036A Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS31AP2036A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2036A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2036A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31AP2036A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31AP2036A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31AP2036A Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31AP2036A Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS31AP2036A Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS31AP2036A Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IS31AP2036A
Integrated Silicon Solution, Inc. – www.issi.com
Rev. B, 03/29/2016
11
APPLICATION INFORMATION
The IS31AP2036A is a Class-K audio power amplifier
with high efficiency and automatic gain control. It
drives up to 2.0W (10% THD+N) into an 8Ω speaker
from a 4.2V VCC supply.
The IS31AP2036A integrates advanced high efficiency
charge pump and whole power amplifier efficiency can
be up to 75%. The output power will be maintained in
0.8W, 1.0W and 1.2W.
The IS31AP2036A provides low cost, space saving
solution for portable equipments which need audio
output with higher power by boosting up supply voltage.
Its external components just include a few capacitors
and resistors (no inductor).
CONSTANT OUTPUT POWER
The output power will fall down by the drop of supply
voltage and decrease audio volume. IS31AP2036A
provides advanced AGC function to maintain the
output power stable within 3.3V~4.35V supply voltage.
Even voltage of battery falls down in mobile application;
IS31AP2036A can still provide high-quality audio.
There are four operation modes for IS31AP2036A and
three of these have AGC function with output power as
1.2W, 1W and 0.8W.
AGC Function
This is the function to control the output in order to
obtain a maximum output level without distortion when
an excessive input is applied which would otherwise
cause clipping at the differential signal output. That is,
with the traditional AGC function, lowers the gain of the
digital amplifier to an appropriate value so as not to
cause clipping at the differential signal output (Figure
21).
Figure 21
AGC Function
IS31AP2036A adopts advanced AGC function which
maintains constant output power without signal
distortion when the supply voltage falling down (Figure
22, 23).
Figure 22
Traditional AGC Function
Figure 23
IS31AP2036A Advanced AGC Function
Attack and Release Time
The attack time is a time interval that gains falls down
with a big signal input enough. And the release time is
a time from target attenuation to no AGC attenuation.
Attack Time
Release Time
Figure 24
Attack and Release Time
K-CHARGEPUMP
IS31AP2036A adopts advanced K-CHARGEPUMP
techniques, which increases high efficiency and drive
power with 750kHz operation frequency and integrates
soft-start, over current and over voltage control circuit
to guarantee stable operation.
Soft-Start
To limit inrush current in charge pump start procedure,
the K-CHARGEPUMP adopts soft-start function. The
soft-start time is 0.7ms and limits the supply current
within 350mA.
Over Voltage Protection
K-CHARGEPUMP output voltage, PVCC is VCC of 1.5
times to provide high voltage for internal power
amplifier. K-CHARGEPUMP integrates over voltage
protection function. PVCC is not times VCC when supply
voltage is over 3.8V. The OVP circuit will keep PVCC in
5.8V (Typ.).
VCC
VCC
No AGC, output has distortion
AGC, output has no distortion
No AGC, VCC falls down, output has distortion
AGC, output has no distortion
VCC
Traditional AGC, VCC falls down, output signal has no
distortion, but output power decreases
Constant
output power
Advanced AGC, output signal has no distortion,
output power keeps constant
VCC


Similar Part No. - IS31AP2036A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2036A-CLS2-TR ISSI-IS31AP2036A-CLS2-TR Datasheet
478Kb / 17P
   HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
More results

Similar Description - IS31AP2036A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2036A-CLS2-TR ISSI-IS31AP2036A-CLS2-TR Datasheet
478Kb / 17P
   HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
IS31AP2036-QFLS2-TR ISSI-IS31AP2036-QFLS2-TR Datasheet
474Kb / 17P
   HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
IS31AP2031-QFLS2-TR ISSI-IS31AP2031-QFLS2-TR Datasheet
328Kb / 13P
   CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Linear Technology
LTC7820EUFD LINER-LTC7820EUFD Datasheet
528Kb / 10P
   High Efficiency, Charge Pump DC/DC Converter
logo
Will Semiconductor Ltd.
WAA2995 WILLSEMI-WAA2995 Datasheet
1Mb / 15P
   Adaptive Charge-Pump Audio Amplifier
logo
Maxim Integrated Produc...
MAX8678 MAXIM-MAX8678 Datasheet
255Kb / 13P
   White LED Charge Pump with 1.1W Audio Amplifier
Rev 0; 4/07
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
3PEAK INC.
TPF632A 3PEAK-TPF632A Datasheet
933Kb / 12P
   3-VRMS Audio Line Driver with Integrated Charge Pump
TPF632C 3PEAK-TPF632C Datasheet
1Mb / 12P
   3-VRMS Audio Line Driver with Integrated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com