Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XHP35A-00-0000-0D0UB40E1 Datasheet(PDF) 36 Page - Cree, Inc

Part # XHP35A-00-0000-0D0UB40E1
Description  Cree XLamp XHP35 LEDs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP35A-00-0000-0D0UB40E1 Datasheet(HTML) 36 Page - Cree, Inc

Back Button XHP35A-00-0000-0D0UB40E1 Datasheet HTML 29Page - Cree, Inc XHP35A-00-0000-0D0UB40E1 Datasheet HTML 30Page - Cree, Inc XHP35A-00-0000-0D0UB40E1 Datasheet HTML 31Page - Cree, Inc XHP35A-00-0000-0D0UB40E1 Datasheet HTML 32Page - Cree, Inc XHP35A-00-0000-0D0UB40E1 Datasheet HTML 33Page - Cree, Inc XHP35A-00-0000-0D0UB40E1 Datasheet HTML 34Page - Cree, Inc XHP35A-00-0000-0D0UB40E1 Datasheet HTML 35Page - Cree, Inc XHP35A-00-0000-0D0UB40E1 Datasheet HTML 36Page - Cree, Inc XHP35A-00-0000-0D0UB40E1 Datasheet HTML 37Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo and
SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
36
XLamp® XHp35 LED
tAPE AnD rEEL - ContinuED
XHP35 High intensity
XHP35A-Hx-xxxx-xxxxxxxxx
XHP35 High Intensity
.30 [.012]
T
Ao
3.70 [.146]
1.20 [.047]
Ko
3.0°
3.0°
3.70 [.146]
Bo
10.25
[.404]
E2
P2
2.00 [.079]
Po
4.00 [.157]
Ø 1.50 +.10 +.0039 -.00[.0591-.0000]Do
Ø 1.50
[.059]
D1
MIN
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
8.00 [.315]
P
POCKET SIZE
Ao -
3.70 mm [.146"]
Bo -
3.70 mm [.146"]
Ko -
1.20 mm [.047"]
ANODE SIDE
CATHODE SIDE
.30 [.012]
T
Ao
3.70 [.146]
1.20 [.047]
Ko
3.0°
3.0°
3.70 [.146]
Bo
10.25
[.404]
E2
P2
2.00 [.079]
Po
4.00 [.157]
Ø 1.50 +.10 +.0039 -.00[.0591-.0000]Do
Ø 1.50
[.059]
D1
MIN
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
8.00 [.315]
P
POCKET SIZE
Ao -
3.70 mm [.146"]
Bo -
3.70 mm [.146"]
Ko -
1.20 mm [.047"]
ANODE SIDE
CATHODE SIDE
.30 [.012]
T
Ao
3.70 [.146]
1.20 [.047]
Ko
3.0°
3.0°
3.70 [.146]
Bo
10.25
[.404]
E2
P2
2.00 [.079]
Po
4.00 [.157]
Ø 1.50 +.10 +.0039 -.00[.0591-.0000]Do
Ø 1.50
[.059]
D1
MIN
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
8.00 [.315]
P
POCKET SIZE
Ao -
3.70 mm [.146"]
Bo -
3.70 mm [.146"]
Ko -
1.20 mm [.047"]
ANODE SIDE
CATHODE SIDE
.30 [.012]
T
Ao
3.70 [.146]
1.20 [.047]
Ko
3.0°
3.0°
3.70 [.146]
Bo
10.25
[.404]
E2
P2
2.00 [.079]
Po
4.00 [.157]
Ø 1.50 +.10 +.0039 -.00[.0591-.0000]Do
Ø 1.50
[.059]
D1
MIN
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
8.00 [.315]
P
POCKET SIZE
Ao -
3.70 mm [.146"]
Bo -
3.70 mm [.146"]
Ko -
1.20 mm [.047"]
ANODE SIDE
CATHODE SIDE
Anode Side
Loaded Pockets
(1,000 Lamps)
Leader
400mm (min) of
empty pockets with
at least 100mm
sealed by tape
(50 empty pockets min.)
Trailer
160mm (min) of
empty pockets
sealed with tape
(20 pockets min.)
START
END
Cathode Side
Anode Side
(denoted by + and circle)
160.0
A
A
B
2.5±.1
SECTION A-A
SCALE 2 : 1
1.5±.1
8.0±.1
4.0±.1
1.75±.10
12.0 .0
+.3
DETAIL B
SCALE 2 : 1
13mm
7"
Cover Tape
Pocket Tape
User Feed Direction
User Feed Direction


Similar Part No. - XHP35A-00-0000-0D0UB40E1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D20E5 CREE-XHP35B-00-0000-0D00D20E5 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40DT CREE-XHP35B-00-0000-0D00D40DT Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40DV CREE-XHP35B-00-0000-0D00D40DV Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40E1 CREE-XHP35B-00-0000-0D00D40E1 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
More results

Similar Description - XHP35A-00-0000-0D0UB40E1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
MX6SWT-A1-0000-000F51 CREE-MX6SWT-A1-0000-000F51 Datasheet
999Kb / 10P
   Cree XLamp MX-6S LEDs
logo
List of Unclassifed Man...
XL7090 ETC1-XL7090 Datasheet
455Kb / 19P
   Cree XLamp 7090 Packaged LEDs
logo
Cree, Inc
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com