Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87382 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 6Page - National Semiconductor (TI) PC87382 Datasheet HTML 7Page - National Semiconductor (TI) PC87382 Datasheet HTML 8Page - National Semiconductor (TI) PC87382 Datasheet HTML 9Page - National Semiconductor (TI) PC87382 Datasheet HTML 10Page - National Semiconductor (TI) PC87382 Datasheet HTML 11Page - National Semiconductor (TI) PC87382 Datasheet HTML 12Page - National Semiconductor (TI) PC87382 Datasheet HTML 13Page - National Semiconductor (TI) PC87382 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
10
Revision1.2
1.3
DETAILED SIGNAL/PIN DESCRIPTIONS
This section describes all signals of the PC87382.
1.3.1
LPC Bus Interface
1.3.2
Docking LPC Bus
1.3.3
Clocks
Signal
Pin(s)
I/O
Buffer Type
Description
LAD3-0
40, 38,
36, 32
I/O
INPCI/OPCI
LPC Address-Data. Multiplexed command, address bidirectional data
and cycle status.
LCLK
25
I
INPCI
LPC Clock. Same as PCI clock (up to 33 MHz).
LDRQ
16
O
OPCI
LPC DMA Request. Encoded DMA request for LPC interface.
LFRAME
30
I
INPCI
LPC Frame. Low pulse indicates the beginning of a new LPC cycle or
termination of a broken cycle.
LRESET
27
I
INPCI
LPC Reset. Same as PCI system reset.
SERIRQ
28
I/O
INPCI/OPCI
Serial IRQ. The interrupt requests are serialized over a single pin, where
each IRQ level is delivered during a designated time slot.
CLKRUN
19
I/OD
INPCI/OD6
Clock Run. Same as PCI CLKRUN.
Signal
Pin(s)
I/O
Buffer Type
Description
DLAD3-0
41, 39,
37, 33
I/O
QS
Dock LPC Address-Data. Multiplexed command, address bidirectional
data and cycle status.
DLCLK
26
I/O
QS
Dock LPC Clock. Same as PCI clock (up to 33 MHz).
DLFRAME
31
I/O
QS
Dock LPC Frame. Low pulse indicates the beginning of a new LPC cycle
or termination of a broken cycle.
DSERIRQ
29
I/O
QS
Dock Serial IRQ. The interrupt requests are serialized over a single pin,
where each IRQ level is delivered during a designated time slot.
DCLKRUN
20
I/O
QS
Dock Clock Run. Same as PCI CLKRUN.
DLRESET
18
O
O4/4
Dock LPC Reset. Main LPC Reset combined with Dock LPC enable.
DLDRQ
4
I
INT
Dock LPC DMA Request. Encoded DMA request for LPC interface.
Signal
Pin(s)
I/O
Buffer Type
Description
CLKIN
43
I
INT
Clock In. 14.318 MHz or 48 MHz clock input.
DCLKOUT
42
O
O14/14
Dock Clock Output. Buffered clock for the Docking device. Enabled
together with DLCLK; otherwise in TRI-STATE.


Similar Part No. - PC87382

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87383 NSC-PC87383 Datasheet
894Kb / 77P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PC87383-VS NSC-PC87383-VS Datasheet
894Kb / 77P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
More results

Similar Description - PC87382

ManufacturerPart #DatasheetDescription
logo
Winbond
WPCN385L WINBOND-WPCN385L Datasheet
84Kb / 3P
   LPC-to-LPC Switch, Fast Infrared Port, Serial Port and GPIOs
logo
National Semiconductor ...
PC87383 NSC-PC87383 Datasheet
894Kb / 77P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
logo
Microchip Technology
SIO1007 MICROCHIP-SIO1007 Datasheet
816Kb / 108P
   LPC Super I/O LPC IrDA Hot Docking Chip with UART
07/14/15
logo
Nuvoton Technology Corp...
WPCN381U NUVOTON-WPCN381U Datasheet
628Kb / 67P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports and GPIOs
logo
Winbond
WPCN381U WINBOND-WPCN381U Datasheet
79Kb / 3P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports and GPIOs
logo
Nuvoton Technology Corp...
WPCN383U NUVOTON-WPCN383U Datasheet
166Kb / 3P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports, Parallel Port and GPIOs for Portable Applications
logo
SMSC Corporation
LPC47N237 SMSC-LPC47N237 Datasheet
686Kb / 138P
   3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
LPC47N237 SMSC-LPC47N237_07 Datasheet
100Kb / 5P
   3.3v I/O Controller for Port Replicators and Docking Stations
logo
Winbond
WPCN384U WINBOND-WPCN384U Datasheet
104Kb / 3P
   Legacy-Reduced SuperI/O with Two Serial Ports, Parallel Port and GPIOs for Notebook and Docking Applications
logo
Nuvoton Technology Corp...
WPCN384U NUVOTON-WPCN384U Datasheet
165Kb / 3P
   Legacy-Reduced SuperI/O with Two Serial Ports, Parallel Port and GPIOs for Notebook and Docking Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com