Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5230NG Datasheet(PDF) 11 Page - ON Semiconductor

Part # SA5230NG
Description  Low Voltage Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5230NG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button SA5230NG Datasheet HTML 7Page - ON Semiconductor SA5230NG Datasheet HTML 8Page - ON Semiconductor SA5230NG Datasheet HTML 9Page - ON Semiconductor SA5230NG Datasheet HTML 10Page - ON Semiconductor SA5230NG Datasheet HTML 11Page - ON Semiconductor SA5230NG Datasheet HTML 12Page - ON Semiconductor SA5230NG Datasheet HTML 13Page - ON Semiconductor SA5230NG Datasheet HTML 14Page - ON Semiconductor SA5230NG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NE5230, SA5230, SE5230
http://onsemi.com
11
What this means is that several instruments, such as a chart
recorder, a meter, or a controller, as well as a long cable, can
be connected in series on the loop and still obtain accurate
readings if the total resistance does not exceed 650
W.
Furthermore, any variation of resistance in this range will
not change the output current.
Any voltage output type transducer can be used, but one
that does not need external DC voltage or current excitation
to limit the maximum possible load resistance is preferable.
Even this problem can be surmounted if the supply power
needed by the transducer is compatible with the NE5230.
The power goes up the line to the transducer and amplifier
while the transducer signal is sent back via the current output
of the NE5230 transconductance configuration.
The voltage range on the input can be changed for
transducers that produce a large output by simply increasing
the current sense resistor to get the corresponding 4.0 to
20 mA output current. If a very long line is used which
causes high line resistance, a current repeater could be
inserted into the line. The same configuration of Figure 7 can
be used with exception of a resistor across the input and line
ground to convert the current back to voltage. Again, the
current sensing resistor will set up the transconductance and
the part will receive power from the line.
TEMPERATURE TRANSDUCER
A variation on the previous circuit makes use of the supply
current control pin. The voltage present at this pin is
proportional to absolute temperature (PTAT) because it is
produced by the amplifier bias current through an internal
resistor divider in a PTAT cell. If the control pin is connected
to the input pin, the NE5230 itself can be used as a
temperature transducer. If the center tap of a resistive pot is
connected to the control pin with one side to ground and the
other to the inverting input, the voltage can be changed to
give different temperature versus output current conditions
(Figure 8). For additional control, the output current is still
proportional to the input voltage differential divided by the
current sense resistor.
When using the NE5230 as a temperature transducer, the
thermal considerations in the previous section must be kept
in mind.
V
REMOTE
POWER
SUPPLY
NE5230
VCC
VEE
IOUT
3
2
4
5
6
7
+
RC
RL
+
NOTES:
1. IOUT = VIN/RC
2. RL MAX
VREMOTE * 1.8V * VINMAX
IOUT
For RC = 1W
IOUT
4mA
20mA
VIN
4mV
20mV
200
Figure 8. NE5230 remote temperature transducer utilizing 4.0 − 20 mA current transmission. This application
shows the use of the accessibility of the PTAT cell in the device to make the part, itself, a transducer.
10W


Similar Part No. - SA5230NG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA5230NG ONSEMI-SA5230NG Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results

Similar Description - SA5230NG

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
TAITRON Components Inco...
LMV358 TAITRON-LMV358 Datasheet
1Mb / 18P
   Dual Low Voltage Operational Amplifier
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
New Japan Radio
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com