Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9555DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9555DB
Description  16-bit I2C and SMBus I/O port with interrupt
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9555DB Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9555DB Datasheet HTML 1Page - NXP Semiconductors PCA9555DB Datasheet HTML 2Page - NXP Semiconductors PCA9555DB Datasheet HTML 3Page - NXP Semiconductors PCA9555DB Datasheet HTML 4Page - NXP Semiconductors PCA9555DB Datasheet HTML 5Page - NXP Semiconductors PCA9555DB Datasheet HTML 6Page - NXP Semiconductors PCA9555DB Datasheet HTML 7Page - NXP Semiconductors PCA9555DB Datasheet HTML 8Page - NXP Semiconductors PCA9555DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Philips Semiconductors
Product data sheet
PCA9555
16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
3
PIN CONFIGURATION — DIP, SO, SSOP, TSSOP
su01438
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
INT
A1
A2
I/O0.0
I/O0.1
I/O0.2
I/O0.3
I/O0.4
I/O0.5
I/O0.6
I/O0.7
VDD
SDA
SCL
A0
I/O1.7
I/O1.6
I/O1.5
I/O1.3
I/O1.4
I/O1.2
I/O1.1
I/O1.0
VSS
Figure 1. Pin configuration — DIP, SO, SSOP, TSSOP
PIN CONFIGURATION — HVQFN
18
17
16
15
14
1
2
3
4
5
su01683
TOP VIEW
I/O0.0
A0
6
13
I/O0.1
I/O0.2
I/O0.3
I/O0.4
I/O0.5
I/O1.3
I/O1.4
I/O1.5
I/O1.6
I/O1.7
Figure 2. Pin configuration — HVQFN
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
DIP, SO, SSOP, TSSOP
HVQFN
SYMBOL
FUNCTION
1
22
INT
Interrupt output (open-drain)
2
23
A1
Address input 1
3
24
A2
Address input 2
4–11
1–8
I/O0.0–I/O0.7
I/O0.0 to I/O0.7
12
9
VSS
Supply ground
13–20
10–17
I/O1.0–I/O1.7
I/O1.0 to I/O1.7
21
18
A0
Address input 0
22
19
SCL
Serial clock line
23
20
SDA
Serial data line
24
21
VDD
Supply voltage


Similar Part No. - PCA9555DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555DB TI-PCA9555DB Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9555DB NXP-PCA9555DB Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Texas Instruments
PCA9555DB TI-PCA9555DB Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DB TI-PCA9555DB Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9555DB NXP-PCA9555DB Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results

Similar Description - PCA9555DB

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9535 PHILIPS-PCA9535 Datasheet
139Kb / 19P
   16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com