Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSS8050 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSS8050
Description  NPN medium power 25 V transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSS8050 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSS8050 Datasheet HTML 2Page - NXP Semiconductors PSS8050 Datasheet HTML 3Page - NXP Semiconductors PSS8050 Datasheet HTML 4Page - NXP Semiconductors PSS8050 Datasheet HTML 5Page - NXP Semiconductors PSS8050 Datasheet HTML 6Page - NXP Semiconductors PSS8050 Datasheet HTML 7Page - NXP Semiconductors PSS8050 Datasheet HTML 8Page - NXP Semiconductors PSS8050 Datasheet HTML 9Page - NXP Semiconductors PSS8050 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2004 Aug 10
7
Philips Semiconductors
Product specification
NPN medium power 25 V transistor
PSS8050
handbook, halfpage
MLD955
103
102
1
0
10
10−1
1
RCEsat
(
Ω)
IC (mA)
10
102
103
104
(1)
(3)
(2)
Fig.12 Equivalent on-resistance as a function of
collector current; typical values.
PSS8050D IC/IB = 10.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
0
0.5
1
VCE (V)
IC
(A)
2
2.5
0
2
1.5
1.5
1
0.5
MLD957
(7)
(9)
(10)
(1)
(8)
(6)
(5)
(4)
(3)
(2)
Fig.13 Collector current as a function of
collector-emitter voltage; typical values.
PSS8050D
(1) IB = 55 mA.
(2) IB = 49.5 mA.
(3) IB = 44 mA.
(4) IB = 38.5 mA.
(5) IB = 33 mA.
(6) IB = 27.5 mA.
(7) IB = 22 mA.
(8) IB = 16.5 mA.
(9) IB = 11 mA.
(10) IB = 5.5 mA.


Similar Part No. - PSS8050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS8550 PHILIPS-PSS8550 Datasheet
104Kb / 10P
   PNP medium power 25 V transistor
2004 Aug 10
PSS8550C PHILIPS-PSS8550C Datasheet
104Kb / 10P
   PNP medium power 25 V transistor
2004 Aug 10
PSS8550D PHILIPS-PSS8550D Datasheet
104Kb / 10P
   PNP medium power 25 V transistor
2004 Aug 10
More results

Similar Description - PSS8050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS8550 PHILIPS-PSS8550 Datasheet
104Kb / 10P
   PNP medium power 25 V transistor
2004 Aug 10
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
   NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
   NPN medium power transistor
1999 Apr 08
logo
Rohm
UMT4401 ROHM-UMT4401 Datasheet
80Kb / 3P
   NPN Medium Power Transistor
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
   NPN Medium Power Transistor
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
117Kb / 8P
   NPN medium power transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
   NPN MEDIUM POWER TRANSISTOR
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
   NPN MEDIUM POWER TRANSISTOR
October 2007 Rev 3
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
   NPN Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SC2411KPT CHENMKO-2SC2411KPT Datasheet
97Kb / 3P
   Medium Power NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com