Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7473 Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADT7473
Description  Remote Thermal Monitor and Fan Control
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7473 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADT7473 Datasheet HTML 4Page - ON Semiconductor ADT7473 Datasheet HTML 5Page - ON Semiconductor ADT7473 Datasheet HTML 6Page - ON Semiconductor ADT7473 Datasheet HTML 7Page - ON Semiconductor ADT7473 Datasheet HTML 8Page - ON Semiconductor ADT7473 Datasheet HTML 9Page - ON Semiconductor ADT7473 Datasheet HTML 10Page - ON Semiconductor ADT7473 Datasheet HTML 11Page - ON Semiconductor ADT7473 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
ADT7473
www.onsemi.com
8
Product Description
The ADT7473/ADT7473−1 is a complete thermal
monitor and multiple fan controller for any system requiring
thermal monitoring and cooling. The device communicates
with the system via a serial system management bus. The
serial bus controller has a serial data line for reading and
writing addresses and data (Pin 16), and an input line for the
serial clock (Pin 1). All control and programming functions
for the ADT7473/ADT7473−1 are performed over the serial
bus. Additionally, a pin can be reconfigured as an
SMBALERT output to signal out-of-limit conditions.
Table 5 illustrates the differences between the ADT7473
and the ADT7473−1.
Table 5. ADT7473/ADT7473−1 DEVICE COMPARISON
Feature
ADT7473
ADT7473−1
Pin 5
Default: PWM2
Default:
THERM_LATCH
SMBus Address
Fixed Address
Address
selectable
Remote Ch. 2
Therm Limit
= 100
°C
= 136
°C
Register 0x30,
0x31, 0x32
Default: 0x00
Default: 0xFF
Register 0x3F
Revision Reg
Default: 0x68
Default: 0x69
Register 0x40,
Bit 7
Reserved
(R/W) 1 = Reset
Latch (Lockable)
Register 0x42,
Bit 0
Reserved
(Read-only)
1 = THERM
Limit Latched
Registers 0x5C,
0x5D, 0x5E
Default: 0x82
Default: 0x62
Register 0x7C,
Bit 4
Reserved
THERM Output
Hysteresis
Register 0x7D,
Bit 4
Reserved
THERM_LATCH
Configuration
0=Remote
Channel 2
1=Remote
Channel 1
and Remote
Channel 2
Comparison Between ADT7467 and
ADT7473/ADT7473−1
The following list shows some comparisons between the
ADT7467 and the ADT7473/ADT7473−1:
The ADT7473/ADT7473−1 can be powered via a
3.3 V supply only, and does not support 5.0 V
operation, while the ADT7467 does. Violating this
specification results in irreversible damage to the
ADT7473/ADT7473−1. See the Specifications section
for more information.
A high frequency PWM drive can be independently
selected for each PWM channel on the
ADT7473/ADT7473−1. This is not available on the
ADT7467.
The range and resolution of the temperature offset
register can be changed from a
±64°C range at 0.5°C
resolution to a
±128°C range at 1°C resolution. This is
not available on the ADT7467.
THERM overtemperature events can be
disabled/enabled individually on each temperature
channel. This is not available on the ADT7467.
Bit 7 of Configuration Register 1 is no longer supported
because the ADT7473/ADT7473−1 cannot be powered
via a 5.0 V supply.
Bit 0 of Configuration Register 1 (0x40) remains
writable after the lock bit is set. This bit enables
monitoring.
2-wire fan speed measurement is not supported on the
ADT7473/ADT7473−1.
How to Set the Functionality of Pin 9
Pin 9 on the ADT7473/ADT7473−1 has four possible
functions: SMBALERT, THERM, GPIO, and TACH4. The
user chooses the required functionality by setting Bit 0 and
Bit 1 of Configuration Register 4 (0x7D).
Table 6. PIN 9 SETTINGS
Bit 0
Bit 1
Function
0
0
TACH4
0
1
THERM
1
0
GPIO
1
1
SMBALERT
Recommended Implementation
Configuring the ADT7473 as shown in Figure 12 allows
the system designer to use the following features:
Two PWM outputs for fan control of up to three fans.
(The front and rear chassis fans are connected in
parallel.)
Three TACH fan speed measurement inputs.
VCC measured internally through Pin 3.
CPU temperature measured using Remote 1
temperature channel.
Ambient temperature measured through Remote 2
temperature channel.
Bidirectional THERM pin. This feature allows
Intel® Pentium® 4 PROCHOT monitoring and can
function as an overtemperature THERM output. It can
alternatively be programmed as an SMBALERT system
interrupt output.


Similar Part No. - ADT7473

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
logo
Analog Devices
ADT7473ARQZ AD-ADT7473ARQZ Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473ARQZ ONSEMI-ADT7473ARQZ Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
More results

Similar Description - ADT7473

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7475 ONSEMI-ADT7475_18 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com