Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7475 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADT7475
Description  Remote Thermal Monitor and Fan Controller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7475 Datasheet(HTML) 3 Page - ON Semiconductor

  ADT7475_13 Datasheet HTML 1Page - ON Semiconductor ADT7475_13 Datasheet HTML 2Page - ON Semiconductor ADT7475_13 Datasheet HTML 3Page - ON Semiconductor ADT7475_13 Datasheet HTML 4Page - ON Semiconductor ADT7475_13 Datasheet HTML 5Page - ON Semiconductor ADT7475_13 Datasheet HTML 6Page - ON Semiconductor ADT7475_13 Datasheet HTML 7Page - ON Semiconductor ADT7475_13 Datasheet HTML 8Page - ON Semiconductor ADT7475_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
ADT7475
http://onsemi.com
3
Table 3. PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
SCL
Digital Input (Open Drain). SMBus serial clock input. Requires SMBus pullup.
2
GND
Ground Pin.
3
VCC
B
Power Supply. VCC is also monitored through this pin.
4
TACH3
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 3.
5
PWM2
SMBALERT
PWM2: Digital Output (Open Drain). Requires 10 kW typical pullup. Pulse-width modulated output to
control Fan 2 speed. Can be configured as a high or low frequency drive.
SMBALERT: Digital Output (Open Drain). This pin can be reconfigured as an SMBALERT interrupt
output to signal out-of-limit conditions.
6
TACH1
Digital Input (Open Drain). Fan tachometer input to measure the speed of Fan 1.
7
TACH2
Digital Input (Open Drain). Fan tachometer input to measure the speed of Fan 2.
8
PWM3
Digital I/O (Open Drain). Pulse-width modulated output to control the speed of Fan 3 and Fan 4.
Requires 10 kW typical pullup. Can be configured as a high or low frequency drive.
9
TACH4
THERM
GPIO
SMBALERT
TACH4: Digital Input (Open Drain). Fan tachometer input to measure the speed of Fan 4.
THERM: Digital I/O (Open Drain). Alternatively, this pin can be reconfigured as a bidirectional THERM
pin that can be used to time and monitor assertions on the THERM input. For example, the pin can be
connected to the PROCHOT output of an Intel® Pentium® 4 processor or to the output of a trip point
temperature sensor. This pin can be used as an output to signal overtemperature conditions.
GPIO: General-Purpose Open Drain Digital I/O.
SMBALERT: Digital Output (Open Drain). This pin can be reconfigured as an SMBALERT interrupt
output to signal out-of-limit conditions.
10
D2−
Cathode Connection to Second Thermal Diode.
11
D2+
Anode Connection to Second Thermal Diode.
12
D1−
Cathode Connection to First Thermal Diode.
13
D1+
Anode Connection to First Thermal Diode.
14
VCCP
B
Analog Input. Monitors processor core voltage (0 V to 3.0 V).
15
PWM1
XTO
Digital Output (Open Drain). Pulse-width modulated output to control Fan 1 speed. Requires 10 kW
typical pullup.
Also functions as the output from the XNOR tree in XNOR test mode.
16
SDA
Digital I/O (Open Drain). SMBus bidirectional serial data. Requires 10 kW typical pullup.


Similar Part No. - ADT7475_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
ADT7475 ONSEMI-ADT7475_18 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
More results

Similar Description - ADT7475_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7475 ONSEMI-ADT7475_18 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com