Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT34TS02HU4-GT4 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT34TS02HU4-GT4
Description  Digital Output Temperature Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34TS02HU4-GT4 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT34TS02HU4-GT4 Datasheet HTML 1Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 2Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 3Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 4Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 5Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 6Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 7Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 8Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CAT34TS02
http://onsemi.com
3
Table 5. PIN IMPEDANCE CHARACTERISTICS (VCC = 3.3 V ± 10%, TA = −20°C to +125°C, unless otherwise specified)
Symbol
Parameter
Conditions
Max
Units
CIN
(Note 4)
SDA, EVENT Pin Capacitance
VIN = 0 V, f = 1 MHz
8
pF
Input Capacitance (other pins)
6
IA
(Note 5)
Address Input Current (A0, A1, A2)
Product Rev C
VIN < VIH
35
mA
VIN > VIH
2
4. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
5. When not driven, the A0, A1 and A2 pins are pulled down to GND internally. For improved noise immunity, the internal pull-down is relatively
strong; therefore the external driver must be able to supply the pull-down current when attempting to drive the input HIGH. To conserve power,
as the input level exceeds the trip point of the CMOS input buffer (~ 0.5 x VCC), the strong pull-down reverts to a weak current source.
Table 6. A.C. CHARACTERISTICS (VCC = 3.3 V ± 10%, TA = −20°C to +125°C) (Note 6)
Symbol
Parameter
Min
Max
Units
FSCL (Note 7)
Clock Frequency
10
400
kHz
tHIGH
High Period of SCL Clock
600
ns
tLOW
Low Period of SCL Clock
1300
ns
tTIMEOUT (Note 7)
SMBus SCL Clock Low Timeout
25
35
ms
tR (Note 8)
SDA and SCL Rise Time
300
ns
tF (Note 8)
SDA and SCL Fall Time
300
ns
tSU:DAT (Note 9)
Data Setup Time
100
ns
tSU:STA
START Condition Setup Time
600
ns
tHD:STA
START Condition Hold Time
600
ns
tSU:STO
STOP Condition Setup Time
600
ns
tBUF
Bus Free Time Between STOP and START
1300
ns
tHD:DAT
Input Data Hold Time
0
ns
tDH (Note 8)
Output Data Hold Time
200
900
ns
Ti
Noise Pulse Filtered at SCL and SDA Inputs
100
ns
tWR
Write Cycle Time
5
ms
tPU (Note 10)
Power−up Delay to Valid Temperature Recording
100
ms
6. Timing reference points are set at 30%, respectively 70% of VCC, as illustrated in Figure 23. Bus loading must be such as to allow meeting
the VIL, VOL as well as the various timing limits.
7. For the CAT34TS02 Rev. B, the TS interface will reset itself and will release the SDA line if the SCL line stays low beyond the tTIMEOUT limit.
The time−out count−down is activated in the interval between START and STOP when SCL is low and is reset while SCL is high. The minimum
clock frequency of 10 kHz is an SMBus recommendation; the minimum operating clock frequency for the CAT34TS02’s SPD component
is DC, while the minimum operating frequency for the TS component is limited only by the SMBus time−out. For the CAT34TS02 Rev. C,
both the TS and the SPD implement the time−out feature.
8. In a “Wired−OR” system (such as I2C or SMBus), SDA rise time is determined by bus loading. Since each bus pull−down device must be
able to sink the (external) bus pull−up current (in order to meet the VIL and/or VOL limits), it follows that SDA fall time is inherently faster than
SDA rise time. SDA rise time can exceed the standard recommended tR limit, as long as it does not exceed tLOW − tDH − tSU:DAT, where tLOW
and tDH are actual values (rather than spec limits). A shorter tDH leaves more room for a longer SDA tR, allowing for a more capacitive bus
or a larger bus pull−up resistor. At the minimum tLOW spec limit of 1300 ns, the maximum tDH of 900 ns demands a maximum SDA tR of 300 ns.
The CAT34TS02’s maximum tDH is <700 ns, thus allowing for an SDA tR of up to 500 ns at minimum tLOW.
9. The minimum tSU:DAT of 100 ns is a limit recommended by standards. The CAT34TS02 will accept a tSU:DAT of 0 ns.
10. The first valid temperature recording can be expected after tPU at nominal supply voltage.


Similar Part No. - CAT34TS02HU4-GT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02 Datasheet
204Kb / 22P
   Digital Output Temperature Sensor with On-board SPD EEPROM
Doc. No. MD-1129 Rev. G
CAT34TS02 ONSEMI-CAT34TS02 Datasheet
181Kb / 20P
   Digital Output Temperature Sensor with On-board SPD EEPROM
February, 2013 ??Rev. 10
CAT34TS02VP2GT4B ONSEMI-CAT34TS02VP2GT4B Datasheet
204Kb / 22P
   Digital Output Temperature Sensor with On-board SPD EEPROM
Doc. No. MD-1129 Rev. G
CAT34TS02VP2GT4B ONSEMI-CAT34TS02VP2GT4B Datasheet
181Kb / 20P
   Digital Output Temperature Sensor with On-board SPD EEPROM
February, 2013 ??Rev. 10
CAT34TS02VP2GT4C ONSEMI-CAT34TS02VP2GT4C Datasheet
181Kb / 20P
   Digital Output Temperature Sensor with On-board SPD EEPROM
February, 2013 ??Rev. 10
More results

Similar Description - CAT34TS02HU4-GT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
   Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
CAT6095 ONSEMI-CAT6095_11 Datasheet
156Kb / 15P
   Digital Output Temperature Sensor
May, 2011 ??Rev. 5
N34TS04 ONSEMI-N34TS04 Datasheet
138Kb / 18P
   Digital Output Temperature Sensor
August, 2016 ??Rev. 0
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
   Temperature sensor with digital output
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
   Digital-output relative humidity & temperature sensor/module
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D Datasheet
586Kb / 20P
   Digital Relative Humidity sensor with Temperature output
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
   DIGITAL TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com