Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28235PGFA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28235PGFA
Description  Digital Signal Controllers (DSCs)
Download  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28235PGFA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320F28235PGFA Datasheet HTML 2Page - Texas Instruments TMS320F28235PGFA Datasheet HTML 3Page - Texas Instruments TMS320F28235PGFA Datasheet HTML 4Page - Texas Instruments TMS320F28235PGFA Datasheet HTML 5Page - Texas Instruments TMS320F28235PGFA Datasheet HTML 6Page - Texas Instruments TMS320F28235PGFA Datasheet HTML 7Page - Texas Instruments TMS320F28235PGFA Datasheet HTML 8Page - Texas Instruments TMS320F28235PGFA Datasheet HTML 9Page - Texas Instruments TMS320F28235PGFA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 201 page
background image
6
TMS320F28335, TMS320F28334, TMS320F28333, TMS320F28332
TMS320F28235, TMS320F28234, TMS320F28232
SPRS439N – JUNE 2007 – REVISED OCTOBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28335 TMS320F28334 TMS320F28333 TMS320F28332 TMS320F28235
TMS320F28234 TMS320F28232
Revision History
Copyright © 2007–2016, Texas Instruments Incorporated
2
Revision History
Changes from August 6, 2012 to October 18, 2016 (from M Revision (August 2012) to N Revision)
Page
Global: Added TMS320F28333.
................................................................................................... 1
Global: Restructured document.
.................................................................................................. 1
Global: Removed Reliability Data for TMS320LF24xx and TMS320F28xx Devices Application Report.
............... 1
Global: Removed C2833x, C2823x C/C++ Header Files and Peripheral Examples.
...................................... 1
Global: Replaced "CAN 2.0B" with "ISO 11898-1 (CAN 2.0B)".
.............................................................. 1
Global: Added SYS/BIOS.
.......................................................................................................... 1
Section 1.1 (Features): Removed "Dynamic PLL Ratio Changes Supported" feature.
..................................... 1
Section 1.1: Updated JTAG Boundary Scan Support feature.
................................................................. 1
Section 1.1: Updated Package Options feature.
................................................................................. 1
Section 1.1: Added "(AEC Q100 Qualification for Automotive Applications)" to "Q" temperature option.
................ 1
Section 1.2 (Applications): Added section.
....................................................................................... 2
Section 1.3 (Description): Added section.
......................................................................................... 3
Section 1.3: Added Device Information table.
.................................................................................... 3
Table 3-1 (F2833x Device Comparison): Changed title from "F2833x Hardware Features" to "F2833x Device
Comparison".
......................................................................................................................... 8
Table 3-1: Added data for F28333 device.
....................................................................................... 8
Table 3-1: Changed "PWM outputs" to "PWM channels".
...................................................................... 8
Table 3-1: Removed "Product status" row and associated footnote.
......................................................... 8
Table 3-2 (F2823x Device Comparison): Changed title from "F2823x Hardware Features" to "F2823x Device
Comparison".
......................................................................................................................... 9
Table 3-2: Changed "PWM outputs" to "PWM channels".
...................................................................... 9
Table 3-2: Removed "Product status" row and associated footnote.
......................................................... 9
Section 3.1 (Related Products): Added section.
................................................................................ 10
Section 4.1 (Pin Diagrams): Updated NOTE about PowerPAD.
............................................................. 12
Section 5.2 (ESD Ratings – Automotive): Added section.
.................................................................... 32
Section 5.3 (ESD Ratings – Commercial): Added section.
................................................................... 32
Section 5.5 (Power Consumption Summary): Changed section title from "Current Consumption" to "Power
Consumption Summary".
........................................................................................................... 34
Section 5.9.2 (Power Sequencing): Updated XRSn requirement #2.
....................................................... 44
Table 5-23 (High-Resolution PWM Characteristics at SYSCLKOUT = (60–150 MHz)): Updated footnote.
............ 59
Table 5-32 (SPI Master Mode External Timing (Clock Phase = 0)): Parameter 2: Updated parametric values.
....... 62
Table 5-32: Parameter 3: Updated parametric values.
........................................................................ 62
Table 5-32: Parameter 5: Updated parametric symbols and values.
......................................................... 62
Table 5-32: Parameter 9: Updated parametric symbols, descriptions, and values.
........................................ 62
Table 5-33 (SPI Master Mode External Timing (Clock Phase = 1)): Parameter 2: Updated parametric values.
...... 64
Table 5-33: Parameter 3: Updated parametric values.
........................................................................ 64
Table 5-33: Parameter 6: Updated parametric symbols, descriptions, and values.
....................................... 64
Table 5-33: Parameter 7: Updated parametric symbols and values.
........................................................ 64
Table 5-33: Parameter 11: Updated parametric symbols, descriptions, and values.
...................................... 64
Table 5-34 (SPI Slave Mode External Timing (Clock Phase = 0)): Parameter 16 [tv(SPCL-SOMI)S, tv(SPCH-SOMI)S]:
Changed MIN values to 0.
......................................................................................................... 66
Table 5-35 (SPI Slave Mode External Timing (Clock Phase = 1)): Parameter 18 [tv(SPCL-SOMI)S, tv(SPCH-SOMI)S]:
Changed MIN values to 0.
......................................................................................................... 68
Section 5.9.4.6.2 (McBSP as SPI Master or Slave Timing): Replaced "For all SPI slave modes ..." paragraphs
with "For all SPI slave modes ..." table footnotes.
............................................................................. 72
Table 5-38 (McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 10b, CLKXP = 0)): Added "For all
SPI slave modes ..." footnote.
.................................................................................................... 72
Table 5-40 (McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 11b, CLKXP = 0)): Added "For all
SPI slave modes ..." footnote.
.................................................................................................... 73
Table 5-42 (McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 10b, CLKXP = 1)): Added "For all
SPI slave modes ..." footnote.
.................................................................................................... 74
Table 5-44 (McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 11b, CLKXP = 1)): Added "For all
SPI slave modes ..." footnote.
.................................................................................................... 75
Table 5-62 (Flash Parameters at 150-MHz SYSCLKOUT): Updated "Typical parameters as seen at room
temperature ..." footnote
........................................................................................................... 95
Section 6.2.7.3 (ADC Calibration): Updated section.
......................................................................... 131


Similar Part No. - TMS320F28235PGFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28235PGFA TI-TMS320F28235PGFA Datasheet
2Mb / 195P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28235PGFA TI1-TMS320F28235PGFA Datasheet
2Mb / 199P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28235PGFA TI1-TMS320F28235PGFA Datasheet
2Mb / 199P
[Old version datasheet]   PRODUCTION DATA information is current as of publication date
TMS320F28235PGFA TI1-TMS320F28235PGFA Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28235PGFA TI-TMS320F28235PGFA Datasheet
3Mb / 207P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
More results

Similar Description - TMS320F28235PGFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28335 TI1-TMS320F28335_13 Datasheet
2Mb / 199P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
2Mb / 195P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_1 Datasheet
2Mb / 166P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_08 Datasheet
2Mb / 170P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335_18 Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
1Mb / 100P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V01 Datasheet
3Mb / 207P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V02 Datasheet
3Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V03 Datasheet
5Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
logo
NXP Semiconductors
MC56F847XX NXP-MC56F847XX Datasheet
1Mb / 90P
   This family of digital signal controllers DSCs is based on the 32-bit 56800EX core.
Rev. 4.1, 01/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com