Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4440J-K-E Datasheet(PDF) 5 Page - ON Semiconductor

Part # LA4440J-K-E
Description  Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4440J-K-E Datasheet(HTML) 5 Page - ON Semiconductor

  LA4440J-K-E Datasheet HTML 1Page - ON Semiconductor LA4440J-K-E Datasheet HTML 2Page - ON Semiconductor LA4440J-K-E Datasheet HTML 3Page - ON Semiconductor LA4440J-K-E Datasheet HTML 4Page - ON Semiconductor LA4440J-K-E Datasheet HTML 5Page - ON Semiconductor LA4440J-K-E Datasheet HTML 6Page - ON Semiconductor LA4440J-K-E Datasheet HTML 7Page - ON Semiconductor LA4440J-K-E Datasheet HTML 8Page - ON Semiconductor LA4440J-K-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LA4440
No.750–5/13
Voltage Gain Adjust at Stereo Mode
RNF=50Ω (typ), Rf=20kΩ (typ)
At RNF’=0 (recommended VG)
VG=20log
(dB)
In case of using RNF
VG=20log
(dB)
VG
RNF
Rf
RNF+RNF
Voltage Gain Adjust at Bridge Amplifier Mode (No. 1)
· The bridge amplifier configuration is as shown left, in
which ch1 and ch2 operate as noninverting amplifier
and inverting amplifier respectively.
The output of the noninverting amplifier divided by
resistors R3, R4 is applied, as input, to the inverting
amplifier.
Since attenuation (R4/R3) of the non-inverting amplifier
output and amplification factor (Rf/R4+RNF) of the
inverting amplifier are fixed to be the same, signals of
the same level and 180
° out of phase with each other
can be obtained at output pins (12) and (10). The total
voltage gain is apparently higher than that of the
noninverting amplifier by 6dB and is approximately
calculated by the following formula.
VG=20log
+ 6dB
In case of reducing the voltage gain, RNF’ is connected
to the noninverting amplifier side only and the following
formula is used.
VG=20log
+ 6dB
VG=20log
(dB)
where (RNF+RNF’) << R5
From this formula, it is seen that connecting RNF
causes the voltage gain to be reduced at the modes of
both stereo amplifier and bridge amplifier.
Rf
RNF
Voltage Gain Adjust at Bridge Amplifier Mode (No. 2)
Rf
RNF+RNF
Rf
RNF+RNF
2


Similar Part No. - LA4440J-K-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4440 SANYO-LA4440 Datasheet
467Kb / 13P
   6W 2-Channel, Bridge 19W typ Power Amplifier
More results

Similar Description - LA4440J-K-E

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com