Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4725 Datasheet(PDF) 7 Page - ON Semiconductor

Part # LA4725
Description  2-channel 30W BTL Audio Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4725 Datasheet(HTML) 7 Page - ON Semiconductor

  LA4725 Datasheet HTML 1Page - ON Semiconductor LA4725 Datasheet HTML 2Page - ON Semiconductor LA4725 Datasheet HTML 3Page - ON Semiconductor LA4725 Datasheet HTML 4Page - ON Semiconductor LA4725 Datasheet HTML 5Page - ON Semiconductor LA4725 Datasheet HTML 6Page - ON Semiconductor LA4725 Datasheet HTML 7Page - ON Semiconductor LA4725 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LA4725
No.6631-7/8
C3 --
μF
Supply voltage, VCC -- V
Ripple frequency, fR -- Hz
Supply voltage, VCC -- V
Output power, PO -- W
Power supply ripple, VCCR -- Vrms
Supply voltage, VCC -- V
SVRR -- VCC
6
-80
-70
-60
-50
-40
-30
-20
810
12
14
16
18
OUT2
OUT1
RL = 4Ω
Rg = 0
fR = 100Hz
VCCR = 0dBm
DIN AUDIO
VO
VCCR
SVRR -- VCCR
0
-100
-80
-60
-40
-20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VCC = 13.2V
RL = 4Ω
Rg = 0
Nonfilter
SVRR = 20log
100Hz
OUT2
3kHz OUT2
3kHz OUT1
100Hz
OUT1
OUT1
OUT2
SVRR -- fR
23 5 7
-100
-80
-60
-40
-20
0
10
100 23 5 7 1k
23 5 7 10k 23 5 7100k
VCC = 13.2V
RL = 4Ω
Rg = 0
VCCR = 0dBm
Nonfilter
ICCO -- VCC
6
8
10
12
14
16
18
20
22
36
40
60
80
100
120
140
160
RL = 4Ω
Rg = 0
36
36
36
VN -- VCC
510
15
20
25
30
0
2
4
6
8
10
12
RL = 4Ω
Rg = 0
Pd -- PO
2
10
0
25
35
1.0
0.1
72
3
5
10
72
3
5
100
7
RL = 4Ω
Rg = 600
Ω
f = 1kHz
15
20
5
V CC
=
14.4V
V CC
=
13.2V
Amp ON time
0
0.1
0.2
0.3
0.4
0.6
23
5
7
1.0
10
23
5
7
100
VCC = 13.2V
VST = 5V
0.5


Similar Part No. - LA4725

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725 Datasheet
44Kb / 3P
   2-Channel BTL Power Amplifier 30 W30 W with Standby Switch for Car Stereos
LA4725 SANYO-LA4725 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
More results

Similar Description - LA4725

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN5715A ONSEMI-EN5715A Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
logo
Toshiba Semiconductor
TA7250BP TOSHIBA-TA7250BP Datasheet
490Kb / 11P
   30W BTL AUDIO POWER AMPLIFIER
TA8233H TOSHIBA-TA8233H Datasheet
598Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8220H TOSHIBA-TA8220H Datasheet
596Kb / 12P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8220HQ TOSHIBA-TA8220HQ Datasheet
1Mb / 13P
   30W BTL 횞 2ch Audio Power Amplifier
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com