Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25G640-3 Datasheet(PDF) 11 Page - Rohm

Part # BR25G640-3
Description  SPI BUS EEPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25G640-3 Datasheet(HTML) 11 Page - Rohm

Back Button BR25G640-3 Datasheet HTML 7Page - Rohm BR25G640-3 Datasheet HTML 8Page - Rohm BR25G640-3 Datasheet HTML 9Page - Rohm BR25G640-3 Datasheet HTML 10Page - Rohm BR25G640-3 Datasheet HTML 11Page - Rohm BR25G640-3 Datasheet HTML 12Page - Rohm BR25G640-3 Datasheet HTML 13Page - Rohm BR25G640-3 Datasheet HTML 14Page - Rohm BR25G640-3 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Datasheet
11/32
BR25G640-3
TSZ02201-0R2R0G100680-1-2
24.Apr.2014 Rev.001
©2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Figure 25. CSB Hold Time vs Supply Voltage
Figure 26. SI Setup Time vs Supply Voltage
Figure 28. Data Output Delay Time vs Supply Voltage
Figure 27. SI Hold Time vs Supply Voltage
Typical Performance Curves‐Continued
0
20
40
60
80
100
120
01
23
45
6
Vcc [V]
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C
SPEC
SPEC
SPEC
0
20
40
60
80
100
120
140
01
23
45
6
Vcc [V]
SPEC
SPEC
SPEC
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C
0
10
20
30
40
50
01
234
5
6
Vcc [V]
SPEC
SPEC
SPEC
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C
-10
0
10
20
30
40
50
60
01
2
34
56
Vcc [V]
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C
SPEC
SPEC
SPEC


Similar Part No. - BR25G640-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128F-3GE2 ROHM-BR25G128F-3GE2 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128FJ-3GE2 ROHM-BR25G128FJ-3GE2 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128FJ-5AE2 ROHM-BR25G128FJ-5AE2 Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G128FVM-3GTR ROHM-BR25G128FVM-3GTR Datasheet
769Kb / 36P
   SPI BUS EEPROM
More results

Similar Description - BR25G640-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25S320-W ROHM-BR25S320-W_12 Datasheet
678Kb / 35P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G512XXX-5A ROHM-BR25G512XXX-5A Datasheet
1Mb / 41P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com