Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25G256FVT-3GE2 Datasheet(PDF) 2 Page - Rohm

Part # BR25G256FVT-3GE2
Description  SPI BUS EEPROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25G256FVT-3GE2 Datasheet(HTML) 2 Page - Rohm

  BR25G256FVT-3GE2 Datasheet HTML 1Page - Rohm BR25G256FVT-3GE2 Datasheet HTML 2Page - Rohm BR25G256FVT-3GE2 Datasheet HTML 3Page - Rohm BR25G256FVT-3GE2 Datasheet HTML 4Page - Rohm BR25G256FVT-3GE2 Datasheet HTML 5Page - Rohm BR25G256FVT-3GE2 Datasheet HTML 6Page - Rohm BR25G256FVT-3GE2 Datasheet HTML 7Page - Rohm BR25G256FVT-3GE2 Datasheet HTML 8Page - Rohm BR25G256FVT-3GE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Datasheet
2/31
BR25G256-3
TSZ02201-0R2R0G100640-1-2
04.Dec.2014 Rev.002
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Ratings
Unit
Remarks
Supply Voltage
VCC
-0.3 to +6.5
V
Power Dissipation
Pd
0.80 (DIP-T8)
W
When using at Ta=25°C or higher 8.0mW to be reduced per 1°C.
0.45 (SOP8)
When using at Ta=25°C or higher 4.5mW to be reduced per 1°C.
0.45 (SOP-J8)
When using at Ta=25°C or higher 4.5mW to be reduced per 1°C.
0.33 (TSSOP-B8)
When using at Ta=25°C or higher 3.3mW to be reduced per 1°C.
Storage Temperature
Tstg
- 65 to +150
°C
Operating Temperature
Topr
- 40 to +85
°C
Input Voltage /
Output Voltage
- 0.3 to Vcc+1.0
V
The Max value of Input Voltage/Output Voltage is not over 6.5V.
When the pulse width is 50ns or less, the Min value of Input
Voltage/Output Voltage is not under -1.0V.
Junction temperature
Tjmax
150
°C
Junction temperature at the storage condition
Electrostatic discharge
voltage
(human body model)
VESD
-4000 to +4000
V
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Memory Cell Characteristics (Ta=25°C, Vcc=1.6V to 5.5V)
Parameter
Limits
Unit
Min
Typ
Max
Write Cycles
(Note1)
1,000,000
-
-
Times
Data Retention
(Note1)
100
-
-
Years
(Note1) Not 100% TESTED
Recommended Operating Ratings
Parameter
Symbol
Ratings
Unit
Min
Max
Power Source Voltage
Vcc
1.6
5.5
V
Input Voltage
VIN
0
Vcc
V
Bypass Capacitor
C
0.1
-
µF


Similar Part No. - BR25G256FVT-3GE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G256FVT-5AE2 ROHM-BR25G256FVT-5AE2 Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
More results

Similar Description - BR25G256FVT-3GE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25S320-W ROHM-BR25S320-W_12 Datasheet
678Kb / 35P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G512XXX-5A ROHM-BR25G512XXX-5A Datasheet
1Mb / 41P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G640-3 ROHM-BR25G640-3 Datasheet
749Kb / 36P
   SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com