Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25G640F-3GE2 Datasheet(PDF) 6 Page - Rohm

Part # BR25G640F-3GE2
Description  SPI BUS EEPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25G640F-3GE2 Datasheet(HTML) 6 Page - Rohm

Back Button BR25G640F-3GE2 Datasheet HTML 2Page - Rohm BR25G640F-3GE2 Datasheet HTML 3Page - Rohm BR25G640F-3GE2 Datasheet HTML 4Page - Rohm BR25G640F-3GE2 Datasheet HTML 5Page - Rohm BR25G640F-3GE2 Datasheet HTML 6Page - Rohm BR25G640F-3GE2 Datasheet HTML 7Page - Rohm BR25G640F-3GE2 Datasheet HTML 8Page - Rohm BR25G640F-3GE2 Datasheet HTML 9Page - Rohm BR25G640F-3GE2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Datasheet
6/32
BR25G640-3
TSZ02201-0R2R0G100680-1-2
24.Apr.2014 Rev.001
©2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Figure 7. Output Low Voltage1 vs Output Current
(Vcc=2.5V)
Figure 5. Input High Voltage1,2 vs Supply Voltage
(CSB,SCK,SI,HOLDB,WPB)
Figure 6. Input Low Voltage1,2 vs Supply Voltage
(CSB,SCK,SI,HOLDB,WPB)
Figure 8. Output Low Voltage2 vs Output Current
(Vcc=1.6V)
Typical Performance Curves
(The following characteristic data are Typ Values.)
0
1
2
3
4
5
6
01
2
3
4
56
Vcc [V]
Ta=-40°C
Ta= 25°C
Ta= 85°C
SPEC
0
1
2
3
4
5
6
01
23
45
6
Vcc [V]
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C
0
0.2
0.4
0.6
0.8
1
01
23
45
6
IOL [mA]
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C
0
0.2
0.4
0.6
0.8
1
01
23
45
6
IOL [mA]
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C


Similar Part No. - BR25G640F-3GE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128F-3GE2 ROHM-BR25G128F-3GE2 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128FJ-3GE2 ROHM-BR25G128FJ-3GE2 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128FJ-5AE2 ROHM-BR25G128FJ-5AE2 Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G128FVM-3GTR ROHM-BR25G128FVM-3GTR Datasheet
769Kb / 36P
   SPI BUS EEPROM
More results

Similar Description - BR25G640F-3GE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25S320-W ROHM-BR25S320-W_12 Datasheet
678Kb / 35P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G512XXX-5A ROHM-BR25G512XXX-5A Datasheet
1Mb / 41P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com