Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25G320NUX-3TR Datasheet(PDF) 10 Page - Rohm

Part # BR25G320NUX-3TR
Description  SPI BUS EEPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25G320NUX-3TR Datasheet(HTML) 10 Page - Rohm

Back Button BR25G320NUX-3TR Datasheet HTML 6Page - Rohm BR25G320NUX-3TR Datasheet HTML 7Page - Rohm BR25G320NUX-3TR Datasheet HTML 8Page - Rohm BR25G320NUX-3TR Datasheet HTML 9Page - Rohm BR25G320NUX-3TR Datasheet HTML 10Page - Rohm BR25G320NUX-3TR Datasheet HTML 11Page - Rohm BR25G320NUX-3TR Datasheet HTML 12Page - Rohm BR25G320NUX-3TR Datasheet HTML 13Page - Rohm BR25G320NUX-3TR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Datasheet
10/32
BR25G320-3
TSZ02201-0R2R0G100710-1-2
18.Dec.2014 Rev.001
©2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Figure 21. SCK High Time vs Supply Voltage
Figure 22. SCK Low Time vs Supply Voltage
Figure 23. CSB High Time vs Supply Voltage
Figure 24. CSB Setup Time vs Supply Voltage
Typical Performance Curves‐Continued
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
Vcc [V]
SPEC
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C
SPEC
SPEC
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
Vcc [V]
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C
SPEC
SPEC
SPEC
0
50
100
150
200
250
0
1
2
3
4
5
6
Vcc [V]
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C
SPEC
SPEC
SPEC
0
20
40
60
80
100
120
0
1
2
3
4
5
6
Vcc [V]
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C
SPEC
SPEC
SPEC


Similar Part No. - BR25G320NUX-3TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128F-3GE2 ROHM-BR25G128F-3GE2 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128FJ-3GE2 ROHM-BR25G128FJ-3GE2 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128FJ-5AE2 ROHM-BR25G128FJ-5AE2 Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G128FVM-3GTR ROHM-BR25G128FVM-3GTR Datasheet
769Kb / 36P
   SPI BUS EEPROM
More results

Similar Description - BR25G320NUX-3TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25S320-W ROHM-BR25S320-W_12 Datasheet
678Kb / 35P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G512XXX-5A ROHM-BR25G512XXX-5A Datasheet
1Mb / 41P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G640-3 ROHM-BR25G640-3 Datasheet
749Kb / 36P
   SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com