Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25G320NUX-3TR Datasheet(PDF) 4 Page - Rohm

Part # BR25G320NUX-3TR
Description  SPI BUS EEPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25G320NUX-3TR Datasheet(HTML) 4 Page - Rohm

  BR25G320NUX-3TR Datasheet HTML 1Page - Rohm BR25G320NUX-3TR Datasheet HTML 2Page - Rohm BR25G320NUX-3TR Datasheet HTML 3Page - Rohm BR25G320NUX-3TR Datasheet HTML 4Page - Rohm BR25G320NUX-3TR Datasheet HTML 5Page - Rohm BR25G320NUX-3TR Datasheet HTML 6Page - Rohm BR25G320NUX-3TR Datasheet HTML 7Page - Rohm BR25G320NUX-3TR Datasheet HTML 8Page - Rohm BR25G320NUX-3TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Datasheet
4/32
BR25G320-3
TSZ02201-0R2R0G100710-1-2
18.Dec.2014 Rev.001
©2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
AC Characteristics (Ta=-40°C to +85°C, unless otherwise specified, load capacity CL=30pF)
Parameter
Symbol
1.6≤Vcc<1.7V
1.7≤Vcc<2.5V
2.5≤Vcc<4.5V
4.5≤Vcc≤5.5V
Unit
.
Min Typ Max Min Typ Max Min Typ Max Min Typ Max
SCK Frequency
fSCK
0.01
-
3
0.01
-
5
0.01
-
10 0.01
-
20
MHz
SCK High Time
tSCKWH
125
-
-
80
-
-
40
-
-
20
-
-
ns
SCK Low Time
tSCKWL
125
-
-
80
-
-
40
-
-
20
-
-
ns
CSB High Time
tCS
200
-
-
90
-
-
40
-
-
20
-
-
ns
CSB Setup Time
tCSS
100
-
-
60
-
-
30
-
-
15
-
-
ns
CSB Hold Time
tCSH
100
-
-
60
-
-
30
-
-
15
-
-
ns
SCK Setup Time
tSCKS
100
-
-
50
-
-
20
-
-
15
-
-
ns
SCK Hold Time
tSCKH
100
-
-
50
-
-
20
-
-
15
-
-
ns
SI Setup Time
tDIS
30
-
-
20
-
-
10
-
-
5
-
-
ns
SI Hold Time
tDIH
50
-
-
20
-
-
10
-
-
5
-
-
ns
Data Output Delay Time
tPD
-
-
125
-
-
70
-
-
40
-
-
20
ns
Output Hold Time
tOH
0
-
-
0
-
-
0
-
-
0
-
-
ns
Output Disable Time
tOZ
-
-
200
-
-
80
-
-
40
-
-
20
ns
HOLDB Setting Setup Time
tHFS
0
-
-
0
-
-
0
-
-
0
-
-
ns
HOLDB Setting Hold Time
tHFH
100
-
-
20
-
-
10
-
-
5
-
-
ns
HOLDB Release Setup Time
tHRS
0
-
-
0
-
-
0
-
-
0
-
-
ns
HOLDB Release Hold Time
tHRH
100
-
-
20
-
-
10
-
-
5
-
-
ns
Time from HOLDB to Output High-Z
tHOZ
-
-
100
-
-
80
-
-
40
-
-
20
ns
Time from HOLDB to Output change
tHPD
-
-
100
-
-
80
-
-
40
-
-
20
ns
SCK Rise Time
(Note1)
tRC
-
-
2
-
-
2
-
-
2
-
-
2
µs
SCK Fall Time
(Note1)
tFC
-
-
2
-
-
2
-
-
2
-
-
2
µs
OUTPUT Rise Time
(Note1)
tRO
-
-
100
-
-
50
-
-
40
-
-
20
ns
OUTPUT Fall Time
(Note1)
tFO
-
-
100
-
-
50
-
-
40
-
-
20
ns
Write Cycle Time
tE/W
-
-
5
-
-
5
-
-
5
-
-
5
ms
(Note1) NOT 100% TESTED
AC Timing Characteristics Conditions
Parameter
Symbol
Limits
Unit
Min
Typ
Max
Load Capacity
CL
-
-
30
pF
Input Voltage
-
0.2Vcc/0.8Vcc
V
Input / Output Judgment Voltage
-
0.3Vcc/0.7Vcc
V
Input / output capacity (Ta=25°C, frequency=5MHz)
Parameter
Symbol
Min
Max
Unit
Conditions
Input Capacity
(Note1)
CIN
8
pF
VIN=GND
Output Capacity
(Note1)
COUT
8
VOUT=GND
(Note1) NOT 100% TESTED
Serial Input / Output Timing
Figure 2-(a). Input timing
Figure 2-(b). Input / Output timing
CSB
SCK
SI
SO
tCS
tCSS
tSCKS
tSCKWL
tSCKWH
tDIS tDIH
tRC
tFC
High-Z
Figure 2-(c). HOLD timing
SI is taken into IC inside in sync with data rise edge of
SCK. Input address and data from the most significant bit
MSB
SO is output in sync with data fall edge of SCK. Data is
output from the most significant bit MSB.
CSB
SCK
SI
n+1
"H"
"L"
n
Dn
n-1
Dn
Dn-1
HOLDB
SO
Dn+1
tHFS tHFH
tHOZ
tHRS tHRH
tDIS
tHPD
High-Z
CSB
SCK
SI
SO
tPD
tOH
tRO,tFO
tOZ
tCSH tSCKH
tCS
High-Z


Similar Part No. - BR25G320NUX-3TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128F-3GE2 ROHM-BR25G128F-3GE2 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128FJ-3GE2 ROHM-BR25G128FJ-3GE2 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128FJ-5AE2 ROHM-BR25G128FJ-5AE2 Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G128FVM-3GTR ROHM-BR25G128FVM-3GTR Datasheet
769Kb / 36P
   SPI BUS EEPROM
More results

Similar Description - BR25G320NUX-3TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25S320-W ROHM-BR25S320-W_12 Datasheet
678Kb / 35P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G512XXX-5A ROHM-BR25G512XXX-5A Datasheet
1Mb / 41P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G640-3 ROHM-BR25G640-3 Datasheet
749Kb / 36P
   SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com