Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5D0127X01 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S5D0127X01
Description  MULTISTANDARD VIDEO DECODER/SCALER
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5D0127X01 Datasheet(HTML) 5 Page - Samsung semiconductor

  S5D0127X01 Datasheet HTML 1Page - Samsung semiconductor S5D0127X01 Datasheet HTML 2Page - Samsung semiconductor S5D0127X01 Datasheet HTML 3Page - Samsung semiconductor S5D0127X01 Datasheet HTML 4Page - Samsung semiconductor S5D0127X01 Datasheet HTML 5Page - Samsung semiconductor S5D0127X01 Datasheet HTML 6Page - Samsung semiconductor S5D0127X01 Datasheet HTML 7Page - Samsung semiconductor S5D0127X01 Datasheet HTML 8Page - Samsung semiconductor S5D0127X01 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
ELECTRONICS
S5D0127X01 Data Sheet
MULTIMEDIA VIDEO
PAGE 5 OF 96
Modified on May/04/2000
EVAV(OENC1)
4
I/O
Valid line flag. Polarity is programmable. Active when output video
line is valid. During reset, the pin is an input and the logic state of
this pin is latched into the OENC[1]register bit. Use a 10 k
Ω resistor
for pull-up or pull-down.
ODD
22
O
Odd field flag. Polarity is programmable. Active for fields 1 and 3.
PID
17
O
PAL ID flag. High for phase alternating line.
OEN
15
I
Digital video data, timing and clock output 3-state control.
CK
18
I/O
Pixel clock. In normal decoding mode, this is an output. When the
EXV port is used as an input, this can be programmed as an input
pixel clock.
CK2
21
O
Pixel output clock (rate is one half of CK) aligned to HAV signal.
CCDAT
73
O
Sliced VBI data output. Data can be from Closed Caption, Teletext,
Intercast, or WSS type encoded data.
CCEN
74
O
When high, this pin indicates that valid VBI data is being clocked out
at the CCDAT pin or at the digital video output.
MULTI-PURPOSE I/O PORTS AND TEST ENABLE
PORTA
58
I/O
Multi-purpose I/O port.
SCH(PORTB)
24
I/O
Multi-purpose I/O port.
TESTEN
57
I
When tied to VDD, the chip is put into the test mode. For normal use,
this pin should be connected to VSS.
TEST
96
I
When tied to VDD, the chip is put into the test mode. For normal use,
this pin should be connected to VSS.
REFERENCE AND COMPENSATION
VRT
77
I/O
ADC VRT compensation (requires an external 0.1
µF capacitor
connected to VSS).
VRB
78
I/O
ADC VRB compensation (requires an external 0.1
µF capacitor
connected to VSS).
COMP2
97
I/O
Internal 1.3 V reference (requires an external 0.1
µF capacitor
connected to VSS).
HOST INTERFACE
SCLK
75
I
Serial clock for IIC host interface.
SDAT
72
I/O
Serial data for IIC host interface.
AEX0 - AEX1
69 - 70
I
Device ID selection for IIC host interface.
PIN DESCRIPTION (Continued)
Pin Name
Pin #
Type
Description


Similar Part No. - S5D0127X01

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5D MCC-S5D Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
SAMYANG ELECTRONICS CO....
S5D SAMYANG-S5D Datasheet
1Mb / 3P
   PLASTIC SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
S5D TAYCHIPST-S5D Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Gaomi Xinghe Electronic...
S5D GXELECTRONICS-S5D Datasheet
416Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Semikron International
S5D SEMIKRON-S5D Datasheet
113Kb / 2P
   Standard silicon rectifier diodes
More results

Similar Description - S5D0127X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
   MULTISTANDARD VIDEO DECODER/SCALER
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
TDA4557 PHILIPS-TDA4557 Datasheet
88Kb / 11P
   Multistandard decoder
March 1991
TDA4555 PHILIPS-TDA4555 Datasheet
107Kb / 11P
   Multistandard decoder
November 1984
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7186 PHILIPS-SAA7186 Datasheet
223Kb / 44P
   Digital video scaler
May 1993
logo
List of Unclassifed Man...
TW9903 ETC-TW9903 Datasheet
630Kb / 74P
   TW9903-Multi-standard Video Decoder With High Quality Down Scaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com