Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5D0127X01-Q0R0 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S5D0127X01-Q0R0
Description  MULTISTANDARD VIDEO DECODER/SCALER
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5D0127X01-Q0R0 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S5D0127X01-Q0R0 Datasheet HTML 4Page - Samsung semiconductor S5D0127X01-Q0R0 Datasheet HTML 5Page - Samsung semiconductor S5D0127X01-Q0R0 Datasheet HTML 6Page - Samsung semiconductor S5D0127X01-Q0R0 Datasheet HTML 7Page - Samsung semiconductor S5D0127X01-Q0R0 Datasheet HTML 8Page - Samsung semiconductor S5D0127X01-Q0R0 Datasheet HTML 9Page - Samsung semiconductor S5D0127X01-Q0R0 Datasheet HTML 10Page - Samsung semiconductor S5D0127X01-Q0R0 Datasheet HTML 11Page - Samsung semiconductor S5D0127X01-Q0R0 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
ELECTRONICS
S5D0127X01 Data Sheet
MULTIMEDIA VIDEO
PAGE 8 OF 96
Modified on May/04/2000
1. FUNCTIONAL DESCRIPTION
1.1. VIDEO INPUT
The S5D0127X01 supports complete video decoding of many analog video standards. In addition, the chip can
support direct 8-bit YCbCr input for high quality video scaling and other processing.
1.1.1. Analog Video Input
Figure 1 shows the detailed block diagram of the analog front end. Up to six composite video sources, three
S-video sources, one 3-wire YCbCr component video source, or any combination can be selected. The allowed
inputs are selected using the INSEL[3:0] bits in the CMDB register. Table 1 lists all possible input selections. The
front end has two paths each containing an analog gain control, a clamping control, and an 8-bit ADC. Composite
video input uses only the luma path. S-video and analog component YCbCr inputs utilize both the luma and
chroma paths. The ADC digital data is used to calculate the correct gain and clamp values. The data is feedback to
the analog clamping and gain control. This architecture eliminates any offset and gain mismatch in the analog front
end.
Figure 1.
Analog Front End
The analog inputs must be AC coupled through an external 0.1
µF capacitor clamp. Due to the high sampling rate
of the ADC’s inside the S5D0127X01, most video sources will not require a low-pass filter for alias reduction. For
those video sources with harmonics above 13 MHz, a simple single order pole at 6 MHz will provide sufficient high
frequency signal reduction. This can be implemented with a 400 pF capacitor in parallel with the 75
Ω load.
Figure 2.
Typical Analog Video Input
8 Bit ADC
AGC
LPF
AY0
AY1
AY2
AC0
AC1
AC2
AGC
8 Bit ADC
LPF
OFFSET
GAIN
OFFSET
VRT
VRB
COMP1
To Chroma Processing
To Luma Processing
To Timing Generation
8-bit
Digital
Input
75
0.1
µF
Analog
Video
S5D0127X01


Similar Part No. - S5D0127X01-Q0R0

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
S5D SAMYANG-S5D Datasheet
1Mb / 3P
   PLASTIC SILICON RECTIFIER
logo
Micro Commercial Compon...
S5D MCC-S5D Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shenzhen Taychipst Elec...
S5D TAYCHIPST-S5D Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Gaomi Xinghe Electronic...
S5D GXELECTRONICS-S5D Datasheet
416Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
DAESAN ELECTRONIC CORP.
S5D DAESAN-S5D Datasheet
458Kb / 2P
   STANDARD RECTIFIER
More results

Similar Description - S5D0127X01-Q0R0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
   MULTISTANDARD VIDEO DECODER/SCALER
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
TDA4557 PHILIPS-TDA4557 Datasheet
88Kb / 11P
   Multistandard decoder
March 1991
TDA4555 PHILIPS-TDA4555 Datasheet
107Kb / 11P
   Multistandard decoder
November 1984
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7186 PHILIPS-SAA7186 Datasheet
223Kb / 44P
   Digital video scaler
May 1993
logo
List of Unclassifed Man...
TW9903 ETC-TW9903 Datasheet
630Kb / 74P
   TW9903-Multi-standard Video Decoder With High Quality Down Scaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com