Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5D2650 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S5D2650
Description  MULTISTANDARD VIDEO DECODER/SCALER
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5D2650 Datasheet(HTML) 5 Page - Samsung semiconductor

  S5D2650 Datasheet HTML 1Page - Samsung semiconductor S5D2650 Datasheet HTML 2Page - Samsung semiconductor S5D2650 Datasheet HTML 3Page - Samsung semiconductor S5D2650 Datasheet HTML 4Page - Samsung semiconductor S5D2650 Datasheet HTML 5Page - Samsung semiconductor S5D2650 Datasheet HTML 6Page - Samsung semiconductor S5D2650 Datasheet HTML 7Page - Samsung semiconductor S5D2650 Datasheet HTML 8Page - Samsung semiconductor S5D2650 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
ELECTRONICS
S5D2650 Data Sheet
MULTIMEDIA VIDEO
PAGE 5 OF 95
7/18/03
PID
17
O
PAL ID flag. Pahse Alternate Line flag
OEN
15
I
Output data, timing and clock 3-state output control.
(Default : tied to VDD)
CK
18
I/O
System clock. (Default : 27MHz output. When the EXV port is used
as an input, this can be programmed as an input system clock.)
CK2
21
O
Pixel rate output clock (Default : 13.5 MHz)
CCDAT
73
O
Sliced VBI data output. Data can be from Closed Caption, Teletext,
Intercast, or WSS type encoded data.
CCEN
74
O
When high, this pin indicates that valid VBI data is being clocked out
at the CCDAT pin or at the digital video output.
MULTI-PURPOSE I/O PORTS
PORTA
58
I/O
Multi-purpose I/O portA.
PORTB(SCH)
24
I/O
Multi-purpose I/O portB.
HOST INTERFACE
SCLK
75
I
Serial clock for IIC host interface. (5V tolerant schmitt trigger pin)
SDAT
72
I/O
Serial data for IIC host interface.(5V tolerant schmitt triggered open
drain Pins)
AEX0 - AEX1
69 - 70
I
Device ID selection for IIC host interface.
POWER AND GROUND
VDD3
9,20,59
3.3V
Digital power supply for input, output buffers.
VDD1
11,12,42,43,66,
67
1.8V
Digital power supply for core logic.
VDDA
85,89,93
3.3V
Analog power supply for ADC, AGC and reference circuits.
VDDP
98
3.3V
Analog power supply for clock generation circuit(PLL).
VSS
1,2,6,13,14,19,
40,41,49-52,60,
64,65,77-80,
81-83,87,91,95,
96
GND Common ground.
VSSP
100
GND Common ground for PLL.
PIN DESCRIPTION (Continued)
Pin Name
Pin #
Type
Description


Similar Part No. - S5D2650

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5D2400X SAMSUNG-S5D2400X Datasheet
2Mb / 92P
   S5D2400X scaling image processor
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
S5D2508A SAMSUNG-S5D2508A Datasheet
222Kb / 24P
   OSD PROCESSOR FOR MONITOR
S5D2508A01 SAMSUNG-S5D2508A01 Datasheet
222Kb / 24P
   OSD PROCESSOR FOR MONITOR
S5D2508A01-D0B0 SAMSUNG-S5D2508A01-D0B0 Datasheet
222Kb / 24P
   OSD PROCESSOR FOR MONITOR
More results

Similar Description - S5D2650

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
TDA4557 PHILIPS-TDA4557 Datasheet
88Kb / 11P
   Multistandard decoder
March 1991
TDA4555 PHILIPS-TDA4555 Datasheet
107Kb / 11P
   Multistandard decoder
November 1984
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7186 PHILIPS-SAA7186 Datasheet
223Kb / 44P
   Digital video scaler
May 1993
logo
List of Unclassifed Man...
TW9903 ETC-TW9903 Datasheet
630Kb / 74P
   TW9903-Multi-standard Video Decoder With High Quality Down Scaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com