Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93L56FVT-WE2 Datasheet(PDF) 2 Page - Rohm

Part # BR93L56FVT-WE2
Description  Microwire BUS EEPROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93L56FVT-WE2 Datasheet(HTML) 2 Page - Rohm

  BR93L56FVT-WE2 Datasheet HTML 1Page - Rohm BR93L56FVT-WE2 Datasheet HTML 2Page - Rohm BR93L56FVT-WE2 Datasheet HTML 3Page - Rohm BR93L56FVT-WE2 Datasheet HTML 4Page - Rohm BR93L56FVT-WE2 Datasheet HTML 5Page - Rohm BR93L56FVT-WE2 Datasheet HTML 6Page - Rohm BR93L56FVT-WE2 Datasheet HTML 7Page - Rohm BR93L56FVT-WE2 Datasheet HTML 8Page - Rohm BR93L56FVT-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Datasheet
Datasheet
2/35
BR93Lxx-W
TSZ02201-0R2R0G100390-1-2
15.Oct.2013 Rev.002
©2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Remarks
Impressed voltage
VCC
-0.3 to +6.5
V
Permissible dissipation
Pd
450 (SOP8)
mW
When using at Ta=25℃ or higher, 4.5mW, to be reduced per 1℃.
450 (SOP-J8)
When using at Ta=25℃ or higher, 4.5mW, to be reduced per 1℃.
300 (SSOP-B8)
When using at Ta=25℃ or higher, 3.0mW, to be reduced per 1℃.
330 (TSSOP-B8)
When using at Ta=25℃ or higher, 3.3mW, to be reduced per 1℃.
310 (MSOP8)
When using at Ta=25℃ or higher, 3.1mW, to be reduced per 1℃.
310 (TSSOP-B8J)
When using at Ta=25℃ or higher, 3.1mW, to be reduced per 1℃.
800(DIP-T8)
When using at Ta=25℃ or higher, 8.0mW, to be reduced per 1℃
Storage temperature range
Tstg
-65 to +125
Action temperature range
Topr
-40 to +85
Terminal voltage
-0.3 to VCC+0.3
V
●Memory Cell Characteristics(VCC=1.8V to 5.5V)
Parameter
Limit
Unit
Condition
Min.
Typ.
Max.
Endurance
*1
1,000,000
-
-
Times
Ta=25℃
Data retention
*1
40
-
-
Years
Ta=25℃
○Shipment data all address FFFFh
*1:Not 100% TESTED
●Recommended Operating Ratings
Parameter
Symbol
Limits
Unit
Power source voltage
VCC
1.8 to 5.5
V
Input voltage
VIN
0 to VCC


Similar Part No. - BR93L56FVT-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L56FVT-WE2 ROHM-BR93L56FVT-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
More results

Similar Description - BR93L56FVT-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H76-2C ROHM-BR93H76-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C_15 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93AXX-WM ROHM-BR93AXX-WM Datasheet
969Kb / 33P
   Operation Microwire BUS EEPROM
BR93G76-3 ROHM-BR93G76-3_1 Datasheet
1Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3B ROHM-BR93G46-3B_1 Datasheet
1,016Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B_1 Datasheet
971Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86-3 ROHM-BR93G86-3_15 Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com