Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93L76RF-WE2 Datasheet(PDF) 1 Page - Rohm

Part # BR93L76RF-WE2
Description  Microwire BUS EEPROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93L76RF-WE2 Datasheet(HTML) 1 Page - Rohm

  BR93L76RF-WE2 Datasheet HTML 1Page - Rohm BR93L76RF-WE2 Datasheet HTML 2Page - Rohm BR93L76RF-WE2 Datasheet HTML 3Page - Rohm BR93L76RF-WE2 Datasheet HTML 4Page - Rohm BR93L76RF-WE2 Datasheet HTML 5Page - Rohm BR93L76RF-WE2 Datasheet HTML 6Page - Rohm BR93L76RF-WE2 Datasheet HTML 7Page - Rohm BR93L76RF-WE2 Datasheet HTML 8Page - Rohm BR93L76RF-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
1/35
TSZ02201-0R2R0G100390-1-2
15.Oct.2013 Rev.002
©2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
Datasheet
Serial EEPROM Series Standard EEPROM
Microwire BUS EEPROM(3-Wire)
BR93Lxx-W
●General Description
BR93Lxx-W
is serial EEPROM of serial 3-line interface method
●Features
3-line communications of chip select, serial clock, serial data
input / output (the case where input and output are shared)
Actions available at high speed 2MHz clock(2.5V to 5.5V)
Speed write available (write time 5ms max.)
Same package and pin layout from 1Kbit to 16Kbit
1.8V to 5.5V single power source action
Address auto increment function at read action
Write mistake prevention function
Write prohibition at power on
Write prohibition by command code
Write mistake prevention function at low voltage
Program cycle auto delete and auto end function
Program condition display by READY / BUSY
Low current consumption
At write action (at 5V) : 1.2mA (Typ.)
At read action (at 5V) : 0.3mA (Typ.)
At standby action (at 5V) : 0.1
μA (Typ.)(CMOS input)
TTL compatible( input / outputs)
Data retention for 40 years
Endurance up to 1,000,000 times
Data at shipment all addresses FFFFh
●Packages W(Typ.) x D(Typ.) x H(Max.)
●BR93Lxx-W
Package type
SOP8
SOP-J8 SSOP-B8 TSSOP-B8
MSOP8
TSSOP-
B8J
DIP-T8
Capacity
Bit format
Type
Power source
voltage
F
RF
FJ RFJ FV RFV FVT RFVT
RFVM
RFVJ
-
1Kbit
64×16
BR93L46-W
1.8V to 5.5V
2Kbit
128×16
BR93L56-W
1.8V to 5.5V
4Kbit
256×16
BR93L66-W
1.8V to 5.5V
8Kbit
512×16
BR93L76-W
1.8V to 5.5V
16Kbit
1K×16
BR93L86-W
1.8V to 5.5V
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
SOP8
5.00mm x 6.20mm x 1.71mm
SOP- J8
4.90mm x 6.00mm x 1.65mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
DIP-T8
9.30mm x 6.50mm x 7.10mm
Figure.1


Similar Part No. - BR93L76RF-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L76RF-WE2 ROHM-BR93L76RF-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L76RF-WE2 ROHM-BR93L76RF-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
More results

Similar Description - BR93L76RF-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H76-2C ROHM-BR93H76-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C_15 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93AXX-WM ROHM-BR93AXX-WM Datasheet
969Kb / 33P
   Operation Microwire BUS EEPROM
BR93G76-3 ROHM-BR93G76-3_1 Datasheet
1Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3B ROHM-BR93G46-3B_1 Datasheet
1,016Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B_1 Datasheet
971Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86-3 ROHM-BR93G86-3_15 Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com