Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP42C-220 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIP42C-220
Description  isc Silicon PNP Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP42C-220 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIP42C-220 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP42C-220 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
1
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
isc Silicon PNP Power Transistors
TIP42C
DESCRIPTION
·
DC Current Gain -hFE = 30(Min)@ IC= -0.3A
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -100V(Min)
·
Complement to Type TIP41C
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
APPLICATIONS
·
Designed for use in general purpose amplifer and switching
applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-6
A
ICM
Collector Current-Peak
-10
A
IB
Base Current
-2
A
PC
Collector Power Dissipation
TC=25℃
65
W
Collector Power Dissipation
Ta=25℃
2
Tj
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.92
/W
Rth j-a
Thermal Resistance,Junction to Ambient
62.5
/W


Similar Part No. - TIP42C-220

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TIP42C-BP MCC-TIP42C-BP Datasheet
143Kb / 2P
   Silicon PNP Power Transistors
logo
JILIN SINO-MICROELECTRO...
TIP42C-O-C-N-B JSMC-TIP42C-O-C-N-B Datasheet
251Kb / 4P
   Medium Power Linear Switching Applications
TIP42C-O-C-N-C JSMC-TIP42C-O-C-N-C Datasheet
251Kb / 4P
   Medium Power Linear Switching Applications
logo
Unisonic Technologies
TIP42C-Q UTC-TIP42C-Q Datasheet
186Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
TIP42C-TA3-T UTC-TIP42C-TA3-T Datasheet
47Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - TIP42C-220

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
   isc Silicon PNP Power Transistors
MJD32C ISC-MJD32C Datasheet
261Kb / 3P
   isc Silicon PNP Power Transistors
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
   isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
   isc Silicon PNP Power Transistors
3CD9D ISC-3CD9D Datasheet
281Kb / 2P
   isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
   isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
   isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
   isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
   isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
   isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com