Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG104FA-2.7KTTT Datasheet(PDF) 8 Page - Texas Instruments

Part # REG104FA-2.7KTTT
Description  DMOS 1A Low-Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG104FA-2.7KTTT Datasheet(HTML) 8 Page - Texas Instruments

Back Button REG104FA-2.7KTTT Datasheet HTML 4Page - Texas Instruments REG104FA-2.7KTTT Datasheet HTML 5Page - Texas Instruments REG104FA-2.7KTTT Datasheet HTML 6Page - Texas Instruments REG104FA-2.7KTTT Datasheet HTML 7Page - Texas Instruments REG104FA-2.7KTTT Datasheet HTML 8Page - Texas Instruments REG104FA-2.7KTTT Datasheet HTML 9Page - Texas Instruments REG104FA-2.7KTTT Datasheet HTML 10Page - Texas Instruments REG104FA-2.7KTTT Datasheet HTML 11Page - Texas Instruments REG104FA-2.7KTTT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SBVS025G
REG104
8
BASIC OPERATION
The REG104 series is a family of LDO (Low DropOut) linear
regulators. The family includes five fixed output versions
(2.5V to 5.0V) and an adjustable output version. An internal
DMOS power device provides low dropout regulation with
near constant ground pin current (largely independent of load
and dropout conditions) and very fast line and load transient
response. All versions include internal current limit and
thermal shutdown circuitry.
Figure 1 shows the basic circuit connections for the fixed
voltage models. Figure 2 gives the connections for the
adjustable output version (REG104A) and example resistor
values for some commonly used output voltages. Values for
other voltages can be calculated from the equation shown in
Figure 2.
FIGURE 1. Fixed Voltage Nominal Circuit for REG104.
REG104
Enable
V
OUT
C
OUT
V
IN
0.1
µF
C
NR
0.01
µF
Gnd
NR
In
Out
Optional
FIGURE 2. Adjustable Voltage Circuit for REG104A.
V
OUT = (1 + R1/R2) • 1.295V
Pin numbers for SOT-223 package.
REG104
V
IN
0.1
µF
3
1
Gnd
V
OUT
R
1
C
FB
0.01
µF
C
OUT
Adj
R
2
I
ADJ
Load
2
4
5
Enable
To reduce current through divider, increase resistor
values (see table at right).
As the impedance of the resistor divider increases,
I
ADJ (~200nA) may introduce an error.
C
FB improves noise and transient response.
V
OUT (V)
R
1 (Ω)
(1)
R
2 (Ω)
(1)
1.295
Short
Open
2.5
12.1k
13k
1.21k
1.3k
3
16.9k
13k
1.69k
1.3k
3.3
20k
13k
2.0k
1.3k
5
37.4k
13k
3.74k
1.3k
NOTE: (1) Resistors are standard 1% values.
EXAMPLE RESISTOR VALUES
Optional
Enable
V
Z = 10V
175k
FIGURE 3. Enable Pin Equivalent Input Circuit.
None of the versions require an output capacitor for regulator
stability. The REG104 will accept any output capacitor type
less than 1
µF. For capacitance values larger than 1µF the
effective ESR should be greater than 0.1
Ω. This minimum
ESR value includes parasitics such as printed circuit board
traces, solder joints, and sockets. A minimum 0.1
µF low ESR
capacitor connected to the input supply voltage is recom-
mended.
ENABLE
The Enable pin allows the regulator to be turned on and off.
This pin is active HIGH and compatible with standard TTL-
CMOS levels. Inputs below 0.5V (max) turn the regulator off
and all circuitry is disabled. Under this condition ground-pin
current drops to approximately 0.5
µA.
When not used, the Enable pin may be connected to VIN.
Internal to the part, the Enable pin is connected to an input
resistor-zener diode circuit, as shown in Figure 3, creating a
nonlinear input impedance.


Similar Part No. - REG104FA-2.7KTTT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG104FA-2.7KTTT BURR-BROWN-REG104FA-2.7KTTT Datasheet
763Kb / 21P
   DMOS 1A Low-Dropout Regulator
REG104FA-2.7KTTTG3 BURR-BROWN-REG104FA-2.7KTTTG3 Datasheet
763Kb / 21P
   DMOS 1A Low-Dropout Regulator
More results

Similar Description - REG104FA-2.7KTTT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG104 BURR-BROWN-REG104_08 Datasheet
763Kb / 21P
   DMOS 1A Low-Dropout Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
REG113 TI-REG113_08 Datasheet
551Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com