Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G4P109N-B-LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # G4P109N-B-LF
Description  Designed for Ethernet 1000 BASE-T, full Quad port applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

G4P109N-B-LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  G4P109N-B-LF Datasheet HTML 1Page - Bothhand USA, LP. G4P109N-B-LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1000 BASE –T QUAD PORT
MAGNETICS MODULES
P/N: G4P109N-B LF DATA SHEET
BOTHHAND USA
Page :1/2
A5(12/09)
Feature
l
Designed for Ethernet 1000 BASE-T, full Quad port
applications.
l
Supports 16 pairs of category 5 UTP cable.
l
Cable interface for isolation and low common mode
emissions.
l
Compliant with IEEE 802.3ab standard for 1000 BASE-T.
l
Compliance with ROHS requirements.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +85℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk Attenuation
(dB Min)
Part
Number
TX
RX
OCL (uH Min)
@100KHz/0.1V
with 8mA DC Bias
30MHz
60MHz
100MHz
HI-POT
(Vrms)
G4P109N-B LF
1CT:1CT
1CT:1CT
350
-40
-35
-30
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)@ Load 100Ω
DCMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
40MHz
50MHz
60-80MHz
100MHz
30MHz
60MHz
100MHz
G4P109N-B LF
-1.0
-18
-14.4
-13.1
-12
-10
-40
-35
-30
Schematic
www.bothhandusa.com


Similar Part No. - G4P109N-B-LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
G4P109N-A-LF BOTHHAND-G4P109N-A-LF Datasheet
144Kb / 2P
   Designed for Ethernet 1000 BASE-T, full Quad port applications
G4P109N-A1-LF BOTHHAND-G4P109N-A1-LF Datasheet
369Kb / 2P
   Cable interface for isolation and low common mode emissions
G4P109N-C-LF BOTHHAND-G4P109N-C-LF Datasheet
607Kb / 2P
   Supports 16 pairs of category 5 UTP cable
G4P109N-LF BOTHHAND-G4P109N-LF Datasheet
349Kb / 2P
   Designed for Ethernet 1000 BASE-T, full Quad port applications
More results

Similar Description - G4P109N-B-LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
G4P109-A-LF BOTHHAND-G4P109-A-LF Datasheet
352Kb / 2P
   Designed for Ethernet 1000 BASE-T, full Quad port applications
GP5829NY-LF BOTHHAND-GP5829NY-LF Datasheet
434Kb / 2P
   Designed for Ethernet 1000 BASE-T, full quad port applications.
G4P109-J-LF BOTHHAND-G4P109-J-LF Datasheet
352Kb / 2P
   Designed for Ethernet 1000 BASE-T, full Quad port applications
G4P109N-A-LF BOTHHAND-G4P109N-A-LF Datasheet
144Kb / 2P
   Designed for Ethernet 1000 BASE-T, full Quad port applications
HG4P-LF BOTHHAND-HG4P-LF Datasheet
262Kb / 2P
   Designed for Ethernet 1000 BASE-T, full Quad port applications.
G4P109-I-LF BOTHHAND-G4P109-I-LF Datasheet
179Kb / 2P
   Designed for Ethernet 1000 BASE-T, full Quad port applications
G4P109N-LF BOTHHAND-G4P109N-LF Datasheet
349Kb / 2P
   Designed for Ethernet 1000 BASE-T, full Quad port applications
G2PM109NH-LF BOTHHAND-G2PM109NH-LF Datasheet
304Kb / 2P
   Designed for Ethernet 100/1000 BASE-T, full duplex applications
GH5609S-1-LF BOTHHAND-GH5609S-1-LF Datasheet
510Kb / 2P
   Designed for long haul gigabit Ethernet 1000 BASE-T, full duplex applications
HG5210-LF BOTHHAND-HG5210-LF Datasheet
419Kb / 2P
   Designed for long haul gigabit Ethernet 1000 BASE-T, full duplex applications.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com