Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42SM32400G-75BI Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS42SM32400G-75BI
Description  1M x 32Bits x 4Banks Mobile Synchronous DRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42SM32400G-75BI Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS42SM32400G-75BI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42SM32400G-75BI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42SM32400G-75BI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42SM32400G-75BI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42SM32400G-75BI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42SM32400G-75BI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42SM32400G-75BI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42SM32400G-75BI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42SM32400G-75BI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
IS42/45SM/RM/VM32400G
Rev. A | Apr. 2012
www.issi.com - DRAM@issi.com
Figure1: 90Ball FBGA Ball Assignment
[Top View]
DQ26
DQ24
DQ23
DQ21
DQ28
VDDQ
VSSQ
DQ19
VSSQ
DQ27
DQ20
VDDQ
VSSQ
DQ29
DQ18
VDDQ
VDDQ
DQ31
DQ16
VSSQ
VSS
DQM3
DQM2
VDD
A4
A5
A0
A1
A7
A8
BA1
A11
CLK
CKE
/CS
/RAS
DQM1
NC
/WE
DQM0
VDDQ
DQ8
DQ7
VSSQ
VSSQ
DQ10
DQ5
VDDQ
VSSQ
DQ12
DQ3
VDDQ
DQ11
VDDQ
VSSQ
DQ4
DQ13
DQ15
DQ0
DQ2
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
VDD
VDDQ
DQ22
DQ17
NC
A2
A10
NC
BA0
/CAS
VDD
DQ6
DQ1
VDDQ
VDD
VSS
VSSQ
DQ25
DQ30
NC
A3
A6
NC
A9
NC
VSS
DQ9
DQ14
VSSQ
VSS
1
2
3
4
5
6
7
8
9


Similar Part No. - IS42SM32400G-75BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM32400F ISSI-IS42SM32400F Datasheet
451Kb / 27P
   Auto refresh and self refresh
IS42SM32400F-75BLI ISSI-IS42SM32400F-75BLI Datasheet
451Kb / 27P
   Auto refresh and self refresh
IS42SM32400H-6BLI ISSI-IS42SM32400H-6BLI Datasheet
909Kb / 34P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32400H-75BI ISSI-IS42SM32400H-75BI Datasheet
909Kb / 34P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32400H-75BLI ISSI-IS42SM32400H-75BLI Datasheet
909Kb / 34P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS42SM32400G-75BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM32400F ISSI-IS42VM32400F Datasheet
451Kb / 27P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32400H-6BLI ISSI-IS42SM32400H-6BLI Datasheet
909Kb / 34P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400H ISSI-IS42VM32400H Datasheet
893Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800E ISSI-IS42VM32800E Datasheet
877Kb / 33P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32160D ISSI-IS42VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800K ISSI-IS42VM32800K Datasheet
919Kb / 35P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32200K-6BLI ISSI-IS42SM32200K-6BLI Datasheet
540Kb / 33P
   512K x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32160E-6BLI ISSI-IS42SM32160E-6BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM ISSI-IS42SM Datasheet
1Mb / 33P
   1M x 16Bits x 4Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY5V52F HYNIX-HY5V52F Datasheet
336Kb / 13P
   4Banks x 2M x 32bits Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com