Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42VM32400H-75BI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS42VM32400H-75BI
Description  1M x 32Bits x 4Banks Mobile Synchronous DRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VM32400H-75BI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS42VM32400H-75BI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42VM32400H-75BI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42VM32400H-75BI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42VM32400H-75BI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VM32400H-75BI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VM32400H-75BI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VM32400H-75BI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VM32400H-75BI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VM32400H-75BI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
Rev. A | November. 2015
www.issi.com - DRAM@issi.com
IS42/45SM/RM/VM32400H
1M x 32Bits x 4Banks Mobile Synchronous DRAM
Description
These IS42/45SM/RM/VM32400H are mobile 134,217,728 bits CMOS Synchronous DRAM organized as 4 banks of 1,048,576 words x 32
bits. These products are offering fully synchronous operation and are referenced to a positive edge of the clock. All inputs and outputs
are synchronized with the rising edge of the clock input. The data paths are internally pipelined to achieve high bandwidth. All input
and output voltage levels are compatible with LVCMOS.
JEDEC standard 3.3V, 2.5V, 1.8V power supply
• Auto refresh and self refresh
• All pins are compatible with LVCMOS interface
• 4K refresh cycle / 64ms
• Programmable Burst Length and Burst Type
• 1, 2, 4, 8 or Full Page for Sequential Burst
• 4 or 8 for Interleave Burst
• Programmable CAS Latency : 2,3 clocks
• All inputs and outputs referenced to the positive edge of the
system clock
• Data mask function by DQM
• Internal 4 banks operation
• Burst Read Single Write operation
• Special Function Support
• PASR(Partial Array Self Refresh)
• Auto TCSR(Temperature Compensated Self Refresh)
• Programmable Driver Strength Control
• Full Strength or 1/2, 1/4 of Full Strength
• Deep Power Down Mode
• Automatic precharge, includes CONCURRENT Auto Precharge
Mode and controlled Precharge
Features
Copyright © 2015 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its
products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services
described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information
and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or
effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to
its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS42VM32400H-75BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM32400H ISSI-IS42VM32400H Datasheet
893Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS42VM32400H-75BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM32400F ISSI-IS42VM32400F Datasheet
451Kb / 27P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32400G-6BLI ISSI-IS42SM32400G-6BLI Datasheet
545Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400H ISSI-IS42VM32400H Datasheet
893Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800E ISSI-IS42VM32800E Datasheet
877Kb / 33P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32160D ISSI-IS42VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800K ISSI-IS42VM32800K Datasheet
919Kb / 35P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32200K-6BLI ISSI-IS42SM32200K-6BLI Datasheet
540Kb / 33P
   512K x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32160E-6BLI ISSI-IS42SM32160E-6BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM ISSI-IS42SM Datasheet
1Mb / 33P
   1M x 16Bits x 4Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY5V52F HYNIX-HY5V52F Datasheet
336Kb / 13P
   4Banks x 2M x 32bits Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com