Electronic Components Datasheet Search |
|
IS45RM32100D-75BLA1 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc |
|
IS45RM32100D-75BLA1 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc |
1 / 34 page 1 Rev. A | November 2015 www.issi.com - dram@issi.com IS42/45SM/RM/VM32100D 512K x 32Bits x 2Banks Low Power Synchronous DRAM Description These IS42SM/RM/VM32100D are low power 33,554,432 bits CMOS Synchronous DRAM organized as 2 banks of 524,288 words x 32 bits. These products are offering fully synchronous operation and are referenced to a positive edge of the clock. All inputs and outputs are synchronized with the rising edge of the clock input. The data paths are internally pipelined to achieve high bandwidth. All input and output voltage levels are compatible with LVCMOS. JEDEC standard 3.3V, 2.5V, 1.8V power supply. • Auto refresh and self refresh. • All pins are compatible with LVCMOS interface. • 4K refresh cycle / 64ms. • Programmable Burst Length and Burst Type. - 1, 2, 4, 8 or Full Page for Sequential Burst. - 4 or 8 for Interleave Burst. • Programmable CAS Latency : 2,3 clocks. • All inputs and outputs referenced to the positive edge of the system clock. • Data mask function by DQM. • Internal dual banks operation. • Burst Read Single Write operation. • Special Function Support. - PASR(Partial Array Self Refresh) - Auto TCSR(Temperature Compensated Self Refresh) • Programmable Driver Strength Control - Full Strength or 1/2, 1/4, of Full Strength • Deep Power Down Mode. • Automatic precharge, includes CONCURRENT Auto Precharge Mode and controlled Precharge. Features Copyright © 2015 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products. Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that: a.) the risk of injury or damage has been minimized; b.) the user assume all such risks; and c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances |
Similar Part No. - IS45RM32100D-75BLA1 |
|
Similar Description - IS45RM32100D-75BLA1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |