Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS67WVE1M16EBLL-70BLA1 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS67WVE1M16EBLL-70BLA1
Description  16Mb Async/Page PSRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS67WVE1M16EBLL-70BLA1 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS67WVE1M16EBLL-70BLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS67WVE1M16EBLL-70BLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS67WVE1M16EBLL-70BLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS67WVE1M16EBLL-70BLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS67WVE1M16EBLL-70BLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS67WVE1M16EBLL-70BLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS67WVE1M16EBLL-70BLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS67WVE1M16EBLL-70BLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS67WVE1M16EBLL-70BLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
IS66/67WVE1M16EALL/EBLL/ECLL
IS66/67WVE1M16TALL/TBLL/TCLL
Rev. C | Oct. 2015
www.issi.com - SRAM@issi.com
General Description
PSRAM products are high-speed, CMOS pseudo-static random access memory developed
for low-power, portable applications. The 16Mb DRAM core device is organized
as 1 Meg x 16 bits. These devices include the industry-standard, asynchronous memory
interface found on other low-power SRAM or pseudo-SRAM (PSRAM) offerings.
For seamless operation on an asynchronous memory bus, PSRAM products incorporated a
transparent self-refresh mechanism. The hidden refresh requires no additional support
from the system memory controller and has no significant impact on device read/write
performance.
A user-accessible configuration registers (CR) defines how the PSRAM device performs on-
chip refresh and whether page mode read accesses are permitted. This register is
automatically loaded with a default setting during power-up and can be updated at any
time during normal operation.
Special attention has been focused on current consumption during self-refresh. This
product includes two system-accessible mechanisms to minimize refresh current.
Setting sleep enable (ZZ#) to LOW enables one of two low-power modes: partial-array
refresh (PAR) or deep power-down (DPD). PAR limits refresh to only that part of the
DRAM array that contains essential data. DPD halts refresh operation altogether and is
used when no vital information is stored in the device. The system-configurable refresh
mechanisms are accessed through the CR.
[ Functional Block Diagram]
Address
Decode Logic
Configuration Register
(CR)
1M X 16
DRAM
Memory Array
Input
/Output
Mux
And
Buffers
DQ0~DQ15
A0~A19
Control
Logic
CE#
WE#
OE#
LB#
UB#
ZZ#


Similar Part No. - IS67WVE1M16EBLL-70BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS67WVE1M16EALL ISSI-IS67WVE1M16EALL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
More results

Similar Description - IS67WVE1M16EBLL-70BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE1M16ALL ISSI-IS66WVE1M16ALL Datasheet
522Kb / 30P
   1.8V Core Async/Page PSRAM
IS66WVE1M16BLL ISSI-IS66WVE1M16BLL Datasheet
589Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE2M16DALL ISSI-IS66WVE2M16DALL Datasheet
505Kb / 28P
   1.8V Core Async/Page PSRAM
IS66WVE4M16BLL ISSI-IS66WVE4M16BLL Datasheet
530Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE2M16DBLL ISSI-IS66WVE2M16DBLL Datasheet
505Kb / 28P
   3.0V Core Async/Page PSRAM
IS66WVE4M16ALL ISSI-IS66WVE4M16ALL Datasheet
597Kb / 30P
   1.8V Core Async/Page PSRAM
IS41C16105C ISSI-IS41C16105C Datasheet
712Kb / 20P
   16Mb DRAM WITH FAST PAGE MODE
IS41C44052C ISSI-IS41C44052C Datasheet
411Kb / 17P
   16Mb DRAM WITH FAST PAGE MODE
IS41C16100C ISSI-IS41C16100C Datasheet
615Kb / 22P
   16Mb DRAM WITH EDO PAGE MODE
IS41C44002C ISSI-IS41C44002C Datasheet
367Kb / 19P
   16Mb DRAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com