Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46TR16256AL-125KBLA1 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS46TR16256AL-125KBLA1
Description  512Mx8, 256Mx16 4Gb DDR3 SDRAM
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16256AL-125KBLA1 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS46TR16256AL-125KBLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46TR16256AL-125KBLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46TR16256AL-125KBLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46TR16256AL-125KBLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46TR16256AL-125KBLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46TR16256AL-125KBLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46TR16256AL-125KBLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46TR16256AL-125KBLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46TR16256AL-125KBLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
IS43/46TR16256A, IS43/46TR16256AL,
IS43/46TR85120A, IS43/46TR85120AL
Integrated Silicon Solution, Inc.
– www.issi.com –
1
Rev. G2
07/28/2016
512Mx8, 256Mx16 4Gb DDR3 SDRAM
SEPTEMBER 2016
FEATURES
Standard Voltage: VDD and VDDQ = 1.5V ± 0.075V
Low Voltage (L): VDD and VDDQ = 1.35V + 0.1V, -0.067V
- Backward compatible to 1.5V
High speed data transfer rates with system
frequency up to 1066 MHz
8 internal banks for concurrent operation
8n-Bit pre-fetch architecture
Programmable CAS Latency
Programmable Additive Latency: 0, CL-1,CL-2
Programmable CAS WRITE latency (CWL) based
on tCK
Programmable Burst Length: 4 and 8
Programmable Burst Sequence: Sequential or
Interleave
BL switch on the fly
Auto Self Refresh(ASR)
Self Refresh Temperature(SRT)
Refresh Interval:
7.8 us (8192 cycles/64 ms) Tc= -40°C to 85°C
3.9 us (8192 cycles/32 ms) Tc= 85°C to 105°C
Partial Array Self Refresh
Asynchronous RESET pin
TDQS (Termination Data Strobe) supported (x8
only)
OCD (Off-Chip Driver Impedance Adjustment)
Dynamic ODT (On-Die Termination)
Driver strength : RZQ/7, RZQ/6 (RZQ = 240 Ω)
Write Leveling
Up to 200 MHz in DLL off mode
Operating temperature:
Commercial (TC = 0°C to +95°C)
Industrial (TC = -40°C to +95°C)
Automotive, A1 (TC = -40°C to +95°C)
Automotive, A2 (TC = -40°C to +105°C)
OPTIONS
Configuration:
512Mx8
256Mx16
Package:
96-ball BGA (9mm x 13mm) for x16
78-ball BGA (9mm x 10.5mm) for x8
ADDRESS TABLE
Parameter
512Mx8
256Mx16
Row Addressing
A0-A15
A0-A14
Column Addressing
A0-A9
A0-A9
Bank Addressing
BA0-2
BA0-2
Page size
1KB
2KB
Auto Precharge
Addressing
A10/AP
A10/AP
BL switch on the fly
A12/BC#
A12/BC#
SPEED BIN
Speed Option
15H
125K
107M
093N
Units
JEDEC Speed Grade
DDR3-1333H
DDR3-1600K
DDR3-1866M
DDR3-2133N
CL-nRCD-nRP
9-9-9
11-11-11
13-13-13
14-14-14
tCK
tRCD,tRP(min)
13.5
13.75
13.91
13.09
ns
Note:Faster speed options are backward compatible to slower speed options.
Copyright © 2016 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised
to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product
can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use
in such applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS46TR16256AL-125KBLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46TR16128A-125KBLA1 ISSI-IS46TR16128A-125KBLA1 Datasheet
3Mb / 81P
   256Mx8, 128Mx16 2Gb DDR3 SDRAM
IS46TR16128A-125KBLA2 ISSI-IS46TR16128A-125KBLA2 Datasheet
3Mb / 81P
   256Mx8, 128Mx16 2Gb DDR3 SDRAM
IS46TR16128A-15HBLA1 ISSI-IS46TR16128A-15HBLA1 Datasheet
3Mb / 81P
   256Mx8, 128Mx16 2Gb DDR3 SDRAM
IS46TR16128A-15HBLA2 ISSI-IS46TR16128A-15HBLA2 Datasheet
3Mb / 81P
   256Mx8, 128Mx16 2Gb DDR3 SDRAM
IS46TR16128A-187FBLA1 ISSI-IS46TR16128A-187FBLA1 Datasheet
3Mb / 81P
   256Mx8, 128Mx16 2Gb DDR3 SDRAM
More results

Similar Description - IS46TR16256AL-125KBLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43TR16256A ISSI-IS43TR16256A Datasheet
3Mb / 81P
   512Mx8, 256Mx16 4Gb DDR3 SDRAM
logo
Hynix Semiconductor
H5TQ4G43MFR HYNIX-H5TQ4G43MFR Datasheet
486Kb / 34P
   4Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
H5TQ4G43AFR HYNIX-H5TQ4G43AFR Datasheet
458Kb / 35P
   4Gb DDR3 SDRAM
H5TQ4G43MMR HYNIX-H5TQ4G43MMR Datasheet
720Kb / 73P
   4Gb DDR3 SDRAM DDP(2Gbx2)
logo
Elpida Memory
EBJ42HE8BAFA ELPIDA-EBJ42HE8BAFA Datasheet
210Kb / 22P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA ELPIDA-EBJ41HE4BDFA Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFD ELPIDA-EBJ41HE4BDFD Datasheet
208Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
logo
Nanya Technology Corpor...
NT5CBC512M8EQ NANYA-NT5CBC512M8EQ Datasheet
4Mb / 154P
   Automotive DDR3(L) 4Gb SDRAM
logo
Elpida Memory
EBJ41HE4BAFA ELPIDA-EBJ41HE4BAFA Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com