Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVPE801 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVPE801
Description  8.0 Gbps SATA Express Equalizer and Redriver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVPE801 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75LVPE801 Datasheet HTML 6Page - Texas Instruments SN75LVPE801 Datasheet HTML 7Page - Texas Instruments SN75LVPE801 Datasheet HTML 8Page - Texas Instruments SN75LVPE801 Datasheet HTML 9Page - Texas Instruments SN75LVPE801 Datasheet HTML 10Page - Texas Instruments SN75LVPE801 Datasheet HTML 11Page - Texas Instruments SN75LVPE801 Datasheet HTML 12Page - Texas Instruments SN75LVPE801 Datasheet HTML 13Page - Texas Instruments SN75LVPE801 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
GND[5]
V
[1]
CC
EQ
[4]
DE
[8]
RX+ [2]
RX– [3]
TX+ [7]
TX– [6]
LVPE801
RT
Driver
Equalizer
OOB
Detect
CTRL
RT
V
= 1.7 V TYP
BB
Copyright © 2016, Texas Instruments Incorporated
10
SN75LVPE801
SLLSEW8 – SEPTEMBER 2016
www.ti.com
Product Folder Links: SN75LVPE801
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The SN75LVPE801 is a single channel equalizer and redriver. The device operates over a wide range of
signaling rates, supporting operation from DC to 8 Gbps. The wide operating range supports SATA Gen 1,2,3
(1.5 Gbps, 3.0 Gbps, and 6.0 Gbps respectively) as well as PCI Express 1.0, 2.0, 3.0 (2.5 Gbps, 5.0 Gbps, and
8.0 Gbps). The device also supports SATA Express (SATA 3.2) which is a form factor specification that allows
for SATA and PCI Express signaling over a single connector.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 SATA Express
SATA Express (sometimes SATAe) is an electro-mechanical standard that supports both SATA and PCI Express
storage devices. SATAe is standardized in the SATA 3.2 standard. The standard is concerned with providing a
smooth transition from SATA to PCIe storage devices. The standard provides for standardized cables and
connectors, and muxes the PCIe and SATA lanes at the host side so that either SATA compliant or PCIe
compliant devices may operate with a host.
SATAe provides support for SATA1, SATA2 and SATA3 devices (operating from 1.5 Gbps to 6.0 Gbps), as well
as PCIe1, PCIe2 and PCIe3 devices (operating from 2.5 Gbps to 8.0 Gbps).
The SN75LVPE801 provides for equalization and re-drive of a single channel input signal complying with any of
the SATA or PCIe standards available with SATAe.
The SATAe standard provides for a mechanism for a host to recognize and detect whether a SATA or PCIe
device is plugged into the host. See the Typical SATA Applications section for the details of the SATA Express
Interface Detect operation.
9.3.2 Receiver Termination
The receiver has integrated terminations to an internal bias voltage. The receiver differential input impedance is
nominally 100 Ω, with a ±15% variation.
For PCI Express compatibility it is necessary to include 330 Ω pull-down resistors between the connector and the
AC capacitors, refer to Figure 24 for more information.
9.3.3 Receiver Internal Bias
The SN75LVPE801 receiver is internally biased to 1.7 V, providing support for AC coupled inputs.


Similar Part No. - SN75LVPE801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVPE802 TI1-SN75LVPE802 Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
SN75LVPE802RTJR TI1-SN75LVPE802RTJR Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
SN75LVPE802RTJT TI1-SN75LVPE802RTJT Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
More results

Similar Description - SN75LVPE801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE801 TI1-SN65LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN75LVPE802 TI1-SN75LVPE802 Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
logo
National Semiconductor ...
DS50EV401 NSC-DS50EV401 Datasheet
1Mb / 14P
   2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer
logo
Maxim Integrated Produc...
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
   Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
MAX4950A MAXIM-MAX4950A Datasheet
537Kb / 10P
   Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
logo
Texas Instruments
SN75LVCP422 TI-SN75LVCP422 Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP422 TI1-SN75LVCP422_14 Datasheet
555Kb / 18P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412 TI-SN75LVCP412 Datasheet
1Mb / 21P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com