Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVPE801 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVPE801
Description  8.0 Gbps SATA Express Equalizer and Redriver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVPE801 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN75LVPE801 Datasheet HTML 9Page - Texas Instruments SN75LVPE801 Datasheet HTML 10Page - Texas Instruments SN75LVPE801 Datasheet HTML 11Page - Texas Instruments SN75LVPE801 Datasheet HTML 12Page - Texas Instruments SN75LVPE801 Datasheet HTML 13Page - Texas Instruments SN75LVPE801 Datasheet HTML 14Page - Texas Instruments SN75LVPE801 Datasheet HTML 15Page - Texas Instruments SN75LVPE801 Datasheet HTML 16Page - Texas Instruments SN75LVPE801 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13
SN75LVPE801
www.ti.com
SLLSEW8 – SEPTEMBER 2016
Product Folder Links: SN75LVPE801
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.3.10 Transmitter Termination
The SN75LVPE801 transmitter includes integrated terminations. The receiver differential output impedance is
nominally 100 Ω, with a ≤ 22% variation.
9.4 Device Functional Modes
9.4.1 Active
Active mode is the normal operating mode. When power is applied to the device, and the differential input signal
to the receiver is greater than 90 mVpp, the device is in active mode and meets all the specifications in the data
sheet.
9.4.2 Squelch
When the device is powered, and the differential input signal to the receiver is less than 50 mVpp, the device is in
squelch mode. In squelch mode the transmitter outputs are both set to VCMTX or 1.7 V.
9.4.3 Auto Low Power
When the device is powered and the differential input signal to the receiver has been less than 50 mVpp for
greater than 10 ns, the device transitions to Auto Low Power (ALP) mode. In ALP, the transmitter outputs are
both set to VCMTX. In addition, while in ALP, the device shuts off internal circuitry to lower power to less than
10% of the power in the Active mode.


Similar Part No. - SN75LVPE801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVPE802 TI1-SN75LVPE802 Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
SN75LVPE802RTJR TI1-SN75LVPE802RTJR Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
SN75LVPE802RTJT TI1-SN75LVPE802RTJT Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
More results

Similar Description - SN75LVPE801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE801 TI1-SN65LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN75LVPE802 TI1-SN75LVPE802 Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
logo
National Semiconductor ...
DS50EV401 NSC-DS50EV401 Datasheet
1Mb / 14P
   2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer
logo
Maxim Integrated Produc...
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
   Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
MAX4950A MAXIM-MAX4950A Datasheet
537Kb / 10P
   Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
logo
Texas Instruments
SN75LVCP422 TI-SN75LVCP422 Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP422 TI1-SN75LVCP422_14 Datasheet
555Kb / 18P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412 TI-SN75LVCP412 Datasheet
1Mb / 21P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com