Electronic Components Datasheet Search |
|
IS64LF12832EC-7.5B3A3 Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc |
|
IS64LF12832EC-7.5B3A3 Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc |
8 / 36 page IS61(4)LF12836EC/IS61(4)VF12836EC/IS61(4)LF12832EC IS61(4)VF12832EC/IS61(4)LF25618EC/IS61(4)VF25618EC Integrated Silicon Solution, Inc.- www.issi.com Rev. C1 09/30/2015 8 256K x 18, 119-Ball BGA (Top View) 1 2 3 4 5 6 7 A VDDQ A A /ADSP A A VDDQ B NC CE2 A /ADSC A /CE2 NC C NC A A VDD A A NC D DQb NC VSS NC VSS DQPa NC E NC DQb VSS /CE VSS NC DQa F VDDQ NC VSS /OE VSS DQa VDDQ G NC DQb /BWb /ADV VSS NC DQa H DQb NC VSS /GW VSS DQa NC J VDDQ VDD NC VDD NC VDD VDDQ K NC DQb VSS CLK VSS NC DQa L DQb NC VSS NC /BWa DQa NC M VDDQ DQb VSS /BWE VSS NC VDDQ N DQb NC VSS A1* VSS DQa NC P NC DQPb VSS A0* VSS NC DQa R NC A MODE VDD NC A NC T NC A A NC A A ZZ U VDDQ TMS TDI TCK TDO NC VDDQ Note: A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired. Bottom View 119-Ball, 14 mm x 22 mm BGA 7 x 17 Ball Array PIN DESCRIPTIONS Symbol Pin Name CLK Synchronous Clock A0,A1 Synchronous Burst Address Inputs A Synchronous Address Inputs /ADV Synchronous Burst Address Advance /ADSP Synchronous Address Status Processor /ADSC Synchronous Address Status Controller MODE Burst Sequence Selection /CE,CE2,/CE2 Synchronous Chip Enable /BWE Synchronous Byte Write Enable /BWx (x=a-b) Synchronous Byte Write Inputs /GW Synchronous Global Write Enable /OE Asynchronous Output Enable DQx Synchronous Data Inputs/Outputs DQPx Synchronous Parity Data I/O TCK,TDI,TDO,TMS JTAG Pins ZZ Asynchronous Power Sleep Mode NC No Connect VDD Power Supply VDDQ I/O Power Supply VSS Ground |
Similar Part No. - IS64LF12832EC-7.5B3A3 |
|
Similar Description - IS64LF12832EC-7.5B3A3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |