Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64VF25618EC-6.5TQLA3 Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS64VF25618EC-6.5TQLA3
Description  128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64VF25618EC-6.5TQLA3 Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS64VF25618EC-6.5TQLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5TQLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5TQLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5TQLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5TQLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5TQLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5TQLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5TQLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64VF25618EC-6.5TQLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
IS61(4)LF12836EC/IS61(4)VF12836EC/IS61(4)LF12832EC
IS61(4)VF12832EC/IS61(4)LF25618EC/IS61(4)VF25618EC
Integrated Silicon Solution, Inc.- www.issi.com
Rev. C1
09/30/2015
4
128K x 32, 165-Ball BGA (Top View)
1
2
3
4
5
6
7
8
9
10
11
A
NC
A
/CE
/BWc
/BWb
/CE2
/BWE
/ADSC
/ADV
A
NC
B
NC
A
CE2
/BWd
/BWa
CLK
/GW
/OE
/ADSP
A
NC
C
NC
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
NC
D
DQc
DQc
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQb
DQb
E
DQc
DQc
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQb
DQb
F
DQc
DQc
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQb
DQb
G
DQc
DQc
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQb
DQb
H
NC
VSS
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
ZZ
J
DQd
DQd
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
DQa
K
DQd
DQd
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
DQa
L
DQd
DQd
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
DQa
M
DQd
DQd
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
DQa
N
NC
NC
VDDQ
VSS
NC
NC
NC
VSS
VDDQ
NC
NC
P
NC
NC
A
A
TDI
A1*
TDO
A
A
A
NC
R
MODE
NC
A
A
TMS
A0*
TCK
A
A
A
A
Note: A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
Bottom View
165-Ball, 13 mm x 15mm BGA
11 x 15 Ball Array
PIN DESCRIPTIONS
Symbol
Pin Name
CLK
Synchronous Clock
A0,A1
Synchronous Burst Address Inputs
A
Synchronous Address Inputs
/ADV
Synchronous Burst Address Advance
/ADSP
Synchronous Address Status Processor
/ADSC
Synchronous Address Status Controller
MODE
Burst Sequence Selection
/CE,CE2,/CE2
Synchronous Chip Enable
/BWE
Synchronous Byte Write Enable
/BWx (x=a-d)
Synchronous Byte Write Inputs
/GW
Synchronous Global Write Enable
/OE
Asynchronous Output Enable
DQx
Synchronous Data Inputs/Outputs
TCK,TDI,TDO,TMS
JTAG Pins
ZZ
Asynchronous Power Sleep Mode
NC
No Connect
VDD
Power Supply
VDDQ
I/O Power Supply
VSS
Ground


Similar Part No. - IS64VF25618EC-6.5TQLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64VF25618A ISSI-IS64VF25618A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS64VF25618A-7.5TQA3 ISSI-IS64VF25618A-7.5TQA3 Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS64VF25618EC-6.5TQLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPS12836EC-250TQ ISSI-IS61LPS12836EC-250TQ Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
logo
Micron Technology
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C33256FT32A ALSC-AS7C33256FT32A Datasheet
522Kb / 19P
   3.3V 256K x 32/36 Flow-through synchronous SRAM
logo
Integrated Silicon Solu...
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
logo
Integrated Circuit Solu...
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
logo
Integrated Silicon Solu...
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
logo
Alliance Semiconductor ...
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C33128FT18B ALSC-AS7C33128FT18B Datasheet
399Kb / 19P
   3.3V 128K x 18 Flow Through Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com