Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64VPS25618EC-250TQA3 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS64VPS25618EC-250TQA3
Description  128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64VPS25618EC-250TQA3 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS64VPS25618EC-250TQA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64VPS25618EC-250TQA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64VPS25618EC-250TQA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64VPS25618EC-250TQA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64VPS25618EC-250TQA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64VPS25618EC-250TQA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS64VPS25618EC-250TQA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS64VPS25618EC-250TQA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS64VPS25618EC-250TQA3 Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
IS61(4)LPS12836EC/IS61(4)VPS12836EC/IS61(4)LPS12832EC
IS61(4)VPS12832EC/IS61(4)LPS25618EC/IS61(4)VPS25618EC
Integrated Silicon Solution, Inc.- www.issi.com
Rev. D1
10/2/2015
9
128K x 36, 100PIN QFP (Top View)
DQPc
1
80
DQPb
DQc
2
79
DQb
DQc
3
78
DQb
VDDQ
4
77
VDDQ
VSS
5
76
VSS
DQc
6
75
DQb
DQc
7
74
DQb
DQc
8
73
DQb
DQc
9
72
DQb
VSS
10
71
VSS
VDDQ
11
70
VDDQ
DQc
12
69
DQb
DQc
13
68
DQb
NC
14
67
VSS
VDD
15
66
NC
NC
16
65
VDD
VSS
17
64
ZZ
DQd
18
63
DQa
DQd
19
62
DQa
VDDQ
20
61
VDDQ
VSS
21
60
VSS
DQd
22
59
DQa
DQd
23
58
DQa
DQd
24
57
DQa
DQd
25
56
DQa
VSS
26
55
VSS
VDDQ
27
54
VDDQ
DQd
28
53
DQa
DQd
29
52
DQa
DQPd
30
51
DQPa
128K x 36
Note: A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
PIN DESCRIPTIONS
Symbol
Pin Name
Symbol
Pin Name
CLK
Synchronous Clock
/GW
Synchronous Global Write Enable
A0,A1
Synchronous Burst Address Inputs
/OE
Asynchronous Output Enable
A
Synchronous Address Inputs
DQx
Synchronous Data Inputs/Outputs
/ADV
Synchronous Burst Address Advance
DQPx
Synchronous Parity Data I/O
/ADSP
Synchronous Address Status Processor
ZZ
Asynchronous Power Sleep Mode
/ADSC
Synchronous Address Status Controller
NC
No Connect
MODE
Burst Sequence Selection
VDD
Power Supply
/CE,CE2,/CE2
Synchronous Chip Enable
VDDQ
I/O Power Supply
/BWE
Synchronous Byte Write Enable
VSS
Ground
/BWx (x=a-d)
Synchronous Byte Write Inputs


Similar Part No. - IS64VPS25618EC-250TQA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64VPS25618A ISSI-IS64VPS25618A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS64VPS25618A-200TQA3 ISSI-IS64VPS25618A-200TQA3 Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
More results

Similar Description - IS64VPS25618EC-250TQA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF12836EC-6.5TQ ISSI-IS61LF12836EC-6.5TQ Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Renesas Technology Corp
71V632 RENESAS-71V632 Datasheet
268Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
Mar.09.20
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632 Datasheet
273Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
NEC
UPD4482162 NEC-UPD4482162 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
logo
Austin Semiconductor
AS5SP128K32DQ AUSTIN-AS5SP128K32DQ Datasheet
362Kb / 10P
   Plastic Encapsulated Microcircuit 4.0Mb, 128K x 32, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
logo
Integrated Silicon Solu...
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Cypress Semiconductor
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
logo
Integrated Silicon Solu...
IS61VPS25672A ISSI-IS61VPS25672A_13 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com