Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-8300-352G-10 Datasheet(PDF) 1 Page - Copal Electronics

Part # P-8300-352G-10
Description  PRESSURE TRANSDUCERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

P-8300-352G-10 Datasheet(HTML) 1 Page - Copal Electronics

  P-8300-352G-10 Datasheet HTML 1Page - Copal Electronics P-8300-352G-10 Datasheet HTML 2Page - Copal Electronics P-8300-352G-10 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
3
2
6
4
5
7
O Double diaphragm structure
O Two pressure references to choose from Gauge and
Absolute
O Built-in temperature compensation function (0 ~ 50 °C)
FEATURES
MODEL NUMBER DESIGNATION
Part name
Material
Compensation resistor board
Silicone oil
Silicone
SUS 316L
Ceramic
Iron+gold-plated
SUS 316L
Copper+gold-plated
Sealed liquid
Sensor chip
Vent hole (Gauge type only)
Stainless steel diaphragm
Pressure port
Terminal pin
1
2
3
4
5
6
7
INTERNAL STRUCTURE
P-8300 - 102 A - 05
Series name
Thermal error
05
± 0.05 % F.S./°C
10
± 0.1 % F.S./°C
Rated pressure range
351
:0 ~ 34.3 kPa {0 ~ 0.35 kgf/cm2}
501
:0 ~ 49.0 kPa {0 ~ 0.5 kgf/cm2}
102
:0 ~ 98.1 kPa {0 ~
1 kgf/cm2}
352
:0 ~ 343 kPa {0 ~ 3.5 kgf/cm2}
103
:0 ~ 981 kPa {0 ~ 10 kgf/cm2}
Pressure reference
G
:Gauge
A
:Absolute
PRESSURE TRANSDUCERS
P-8300
LIST OF MODEL NUMBERS
Pressure reference
Gauge
Absolute
0 ~ 49.0
0 ~ 98.1
0 ~ 343
0 ~ 981
0 ~ 34.3
0 ~ 98.1
{0 ~ 0.5}
{0 ~ 1}
{0 ~ 3.5}
{0 ~ 10}
{0 ~ 0.35}
{0 ~ 1}
P-8300-501G-05
P-8300-102G-05
P-8300-352G-05
P-8300-103G-05
P-8300-351A-05
P-8300-102A-05
P-8300-501G-10
P-8300-102G-10
P-8300-352G-10
P-8300-103G-10
P-8300-351A-10
P-8300-102A-10
kPa {kgf/cm2}
Rated pressure range
±
0.05 % F.S./°C
±
0.1 % F.S./°C
Thermal error
※Verify the above model numbers when placing orders.


Similar Part No. - P-8300-352G-10

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8305-101G COPAL-P-8305-101G Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
More results

Similar Description - P-8300-352G-10

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
   Pressure transducers
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
   PRESSURE TRANSDUCERS
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
PA-708 COPAL-PA-708 Datasheet
561Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
DSDX015A2R SENSORTECHNICS-DSDX015A2R Datasheet
83Kb / 8P
   Digital pressure transducers
KTEM8250G4CXSEV SENSORTECHNICS-KTEM8250G4CXSEV Datasheet
57Kb / 4P
   Submersible pressure transducers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com