Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1761 Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LT1761
Description  Precision Dual Output, High Current, Low Noise, Voltage Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1761 Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LT1761 Datasheet HTML 7Page - Linear Integrated Systems LT1761 Datasheet HTML 8Page - Linear Integrated Systems LT1761 Datasheet HTML 9Page - Linear Integrated Systems LT1761 Datasheet HTML 10Page - Linear Integrated Systems LT1761 Datasheet HTML 11Page - Linear Integrated Systems LT1761 Datasheet HTML 12Page - Linear Integrated Systems LT1761 Datasheet HTML 13Page - Linear Integrated Systems LT1761 Datasheet HTML 14Page - Linear Integrated Systems LT1761 Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LT6658
11
6658f
For more information www.linear.com/LT6658
pin FuncTions
GND (Pins 1, 2, 6, Exposed Pad Pin 17): These pins are
themaingroundconnectionsandshouldbeconnectedinto
a star ground or ground plane. The exposed pad must be
soldered to ground for good electrical contact and rated
thermal performance.
BYPASS (Pin 3): Bypass Pin. This requires a 1μF capacitor
for bandgap stability.
DNC (Pin 4, 16): Do Not Connect. Keep leakage current
from these pins to a minimum.
NR (Pin 5): Noise Reduction Pin. To band limit the noise
of the reference, connect a capacitor between this pin and
ground. See Applications Information section.
VOUT2_S (Pin 7): VOUT2 Sense Pin. Connect this Kelvin
sense pin at the load.
VOUT2_F (Pin 8): VOUT2 Output Voltage. A 1μF to 50μF
output capacitor is required for stable operation. This
output can source up to 50mA.
OD (Pin 9): Output Disable. This active low input disables
both outputs.
VIN2 (Pin 10): Input Voltage Supply for Channel 2. Bypass
VIN2 with 0.1μF capacitor to ground. This pin supplies
power to buffer amplifier 2.
VIN1 (Pin 11): Input Voltage Supply for Channel 1. Bypass
VIN1 with 0.1μF capacitor to ground. This pin supplies
power to buffer amplifier 1.
VOUT1_F (Pin 12): VOUT1 Output Voltage. A 1μF to 50μF
output capacitor is required for stable operation. This
output can source up to 150mA.
VOUT1_S (Pin 13): VOUT1 Sense Pin. Connect this Kelvin
sense pin at the load.
VIN (Pin 14): Input Voltage Supply. Bypass VIN with 0.1μF
capacitor to ground.
NC (Pin 15): No Connect.


Similar Part No. - LT1761

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1761 LINER-LT1761 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1761 LINER-LT1761 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1761 LINER-LT1761 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
More results

Similar Description - LT1761

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Linear Integrated Syste...
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
766Kb / 10P
   Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
logo
Analog Devices
ADR3625 AD-ADR3625 Datasheet
3Mb / 21P
   Precision, Micropower, High Current Output Voltage Reference
Rev. 0
logo
Maxim Integrated Produc...
MAX6072 MAXIM-MAX6072 Datasheet
1Mb / 21P
   High-Precision, Dual-Output Series Voltage Reference
19-7483; Rev 0; 12/14
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
[Old version datasheet]   High Precision Low Noise Low Dropout Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com