Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3RBR1765JZ Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ICE3RBR1765JZ
Description  Off-Line SMPS Current Mode Controller with integrated 650V
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3RBR1765JZ Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ICE3RBR1765JZ Datasheet HTML 4Page - Infineon Technologies AG ICE3RBR1765JZ Datasheet HTML 5Page - Infineon Technologies AG ICE3RBR1765JZ Datasheet HTML 6Page - Infineon Technologies AG ICE3RBR1765JZ Datasheet HTML 7Page - Infineon Technologies AG ICE3RBR1765JZ Datasheet HTML 8Page - Infineon Technologies AG ICE3RBR1765JZ Datasheet HTML 9Page - Infineon Technologies AG ICE3RBR1765JZ Datasheet HTML 10Page - Infineon Technologies AG ICE3RBR1765JZ Datasheet HTML 11Page - Infineon Technologies AG ICE3RBR1765JZ Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Version 2.0
8
7 Jun 2013
ICE3RBR1765JZ
Functional Description
3
Functional Description
All values which are used in the functional description
are typical values. For calculating the worst cases the
min/max values which can be found in section 4
Electrical Characteristics have to be considered.
3.1
Introduction
ICE3RBR1765JZ (ICE3RBRxx65JZ series) is derived
from ICE3BRxx65J in DIP-7 package. It has more
robust design and can work to -40°C.
A high voltage Startup Cell is integrated into the IC
which is switched off once the Undervoltage Lockout
on-threshold of 18V is exceeded. This Startup Cell is
part of the integrated CoolMOS
®. The external startup
resistor is no longer necessary as this Startup Cell is
connected to the Drain. Power losses are therefore
reduced. This increases the efficiency under light load
conditions drastically.
The particular features are the active burst mode,
propagation delay compensation, modulated gate
driving, auto-restart protection for Vcc overvoltage,
over temperature, over load, open loop, built-in soft
start, blanking window and frequency jitter. It provides
the flexibility to increase the blanking window by simply
addition of a capacitor in BA pin. In order to further
increase the flexibility of the protection feature, an
external auto-restart enable features are added.
The intelligent Active Burst Mode can effectively obtain
the lowest Standby Power at light load and no load
conditions. After entering the burst mode, there is still a
full control of the power conversion to the output
through the optocoupler, that is used for the normal
PWM control. The response on load jumps is optimized
and the voltage ripple on V
out is minimized. The Vout is
on well controlled in this mode.
The usually external connected RC-filter in the
feedback line after the optocoupler is integrated in the
IC to reduce the external part count.
Adopting the BiCMOS technology, it can increase the
design flexibility as the Vcc voltage range is increased
to 25V.
It has a built-in 20ms soft start function.
There are 2 modes of blanking time for high load
jumps; the basic mode and the extendable mode. The
blanking time for the basic mode is set at 20ms while
the extendable mode will increase the blanking time by
adding an external capacitor at the BA pin in addition to
the basic mode blanking time. During this blanking time
window the system can give the maximum power to the
loading.
In order to increase the robustness and safety of the
system, the IC provides Auto Restart protection. The
Auto Restart Mode reduces the average power
conversion to a minimum level under unsafe operating
conditions. This is necessary for a prolonged fault
condition which could otherwise lead to a destruction of
the SMPS over time. Once the malfunction is removed,
normal operation is automatically retained after the
next Start Up Phase. To make the protection more
flexible, an external auto-restart enable pin is provided.
When the pin is triggered, the switching pulse at gate
will stop and the IC enters the auto-restart mode after
the pre-defined spike blanking time.
The internal precise peak current control reduces the
costs for the transformer and the secondary diode. The
influence of the change in the input voltage on the
maximum power limitation can be avoided together
with the integrated Propagation Delay Compensation.
Therefore the maximum power is nearly independent
on the input voltage, which is required for wide range
SMPS. Thus there is no need for the over-sizing of the
SMPS, e.g. the transformer and the output diode.
Furthermore, it implements the frequency jitter mode to
the switching clock such that the EMI noise will be
effectively reduced.
3.2
Power Management
Figure 3
Power Management
The Undervoltage Lockout monitors the external
supply voltage V
VCC. When the SMPS is plugged to the
main line the internal Startup Cell is biased and starts
to charge the external capacitor C
VCC
which is
connected to the VCC pin. This VCC charge current is
Internal Bias
Voltage
Reference
Power Management
5.0V
Undervoltage Lockout
18V
10.5V
Power-Down Reset
Active Burst
Mode
Auto Restart
Mode
Startup Cell
VCC
Drain
CoolMOS
®
Soft Start block


Similar Part No. - ICE3RBR1765JZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3RBR0665JG INFINEON-ICE3RBR0665JG Datasheet
1Mb / 32P
   Fixed-Frequency, 650V CoolSET??in DS0-12 Package
Revision 1.0 2016-05-12
ICE3RBR0665JZ INFINEON-ICE3RBR0665JZ Datasheet
667Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3RBR4765JG INFINEON-ICE3RBR4765JG Datasheet
1Mb / 32P
   ICE3RBR4765JG is modified from ICE3BRxx65J in DSO-12 package
Revision 1.1 2017-06-13
ICE3RBR4765JZ INFINEON-ICE3RBR4765JZ Datasheet
670Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
More results

Similar Description - ICE3RBR1765JZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3BR0665J INFINEON-ICE3BR0665J Datasheet
916Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3A2065ELJ INFINEON-ICE3A2065ELJ_12 Datasheet
788Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3RBR0665JZ INFINEON-ICE3RBR0665JZ Datasheet
667Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3RBR4765JZ INFINEON-ICE3RBR4765JZ Datasheet
670Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3A1065ELJ INFINEON-ICE3A1065ELJ_12 Datasheet
786Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR0665JZ INFINEON-ICE3BR0665JZ Datasheet
569Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
ICE3BR1765JZ INFINEON-ICE3BR1765JZ Datasheet
565Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
ICE3BR0665JF INFINEON-ICE3BR0665JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 11 Sep 2008
ICE3BR1765J INFINEON-ICE3BR1765J Datasheet
905Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com