Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3B0365J Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ICE3B0365J
Description  Off-Line SMPS Cur rent Mode Controller with integrated 650V
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B0365J Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ICE3B0365J_13 Datasheet HTML 6Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 7Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 8Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 9Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 10Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 11Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 12Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 13Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
CoolSET®-F3
ICE3Bxx65J
Version 2.9
10
25 Mar 2013
3.5
Current Limiting
Figure 8
Current Limiting
There is a cycle by cycle Current Limiting realized by
the Current-Limit comparator C10 to provide an
overcurrent detection. The source current of the
integrated CoolMOS
® is sensed via an external sense
resistor R
Sense . By means of RSense the source current
is transformed to a sense voltage V
Sense which is fed
into the pin CS. If the voltage V
Sense
exceeds the
internal threshold voltage V
csth the comparator C10
immediately turns off the gate drive by resetting the
PWM Latch FF1. A Propagation Delay Compensation
is added to support the immediate shut down without
delay of the integrated internal CoolMOS
® in case of
Current Limiting. The influence of the AC input voltage
on the maximum output power can thereby be avoided.
To prevent the Current Limiting from distortions caused
by leading edge spikes a Leading Edge Blanking is
integrated
in
the
current
sense
path
for
the
comparators C10, C12 and the PWM-OP.
The output of comparator C12 is activated by the Gate
G10 if Active Burst Mode is entered. Once activated the
current limiting is thereby reduced to 0.32V. This
voltage level determines the power level when the
Active Burst Mode is left if there is a higher power
demand.
3.5.1
Leading Edge Blanking
Figure 9
Leading Edge Blanking
Each time when the integrated internal CoolMOS
® is
switched on a leading edge spike is generated due to
the primary-side capacitances and secondary-side
rectifier reverse recovery time. This spike can cause
the gate drive to switch off unintentionally. To avoid a
premature termination of the switching pulse, this spike
is blanked out with a time constant of t
LEB = 220ns.
During this time, the gate drive will not be switched off.
3.5.2
Propagation Delay Compensation
In case of overcurrent detection, the switch-off of the
integrated internal CoolMOS
® is delayed due to the
propagation delay of the circuit. This delay causes an
overshoot of the peak current I
peak which depends on
the ratio of dI/dt of the peak current (see Figure 10).
Figure 10
Current Limiting
The overshoot of Signal2 is bigger than of Signal1 due
to the steeper rising waveform. This change in the
slope
is
depending
on
the
AC
input
voltage.
Propagation Delay Compensation is integrated to limit
the overshoot dependency on dI/dt of the rising primary
current. That means the propagation delay time
between exceeding the current sense threshold V
csth
and the switch off of the integrated inernal CoolMOS
®
is compensated over temperature within a wide range.
Current Limiting
C10
C12
&
0.32V
G10
Propagation-Delay
Compensation
V
csth
Active Burst
Mode
PWM Latch
FF1
10k
D1
1pF
PWM-OP
CS
Leading
Edge
Blanking
220ns
t
V
Sense
V
csth
t
LEB = 220ns
t
I
Sense
I
Limit
t
Propagation Delay
I
Overshoot1
I
peak1
Signal1
Signal2
I
Overshoot2
I
peak2


Similar Part No. - ICE3B0365J_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J_11 Datasheet
988Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.6, 4 Jul 2011
More results

Similar Description - ICE3B0365J_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3A0365 INFINEON-ICE3A0365_13 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3BR0665J INFINEON-ICE3BR0665J Datasheet
916Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3A2065ELJ INFINEON-ICE3A2065ELJ_12 Datasheet
788Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3RBR0665JZ INFINEON-ICE3RBR0665JZ Datasheet
667Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3RBR4765JZ INFINEON-ICE3RBR4765JZ Datasheet
670Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3A1065ELJ INFINEON-ICE3A1065ELJ_12 Datasheet
786Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR0665JZ INFINEON-ICE3BR0665JZ Datasheet
569Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
ICE3BR1765JZ INFINEON-ICE3BR1765JZ Datasheet
565Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
ICE3BR0665JF INFINEON-ICE3BR0665JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 11 Sep 2008
ICE3BR1765J INFINEON-ICE3BR1765J Datasheet
905Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com