Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12L458CIV Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12L458CIV
Description  12-Bit Sign Data Acquisition System with Self-Calibration
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12L458CIV Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM12L458CIV Datasheet HTML 11Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 12Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 13Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 14Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 15Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 16Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 17Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 18Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Timing Diagrams V
A+ = VD+ = +3.3V, tR = tF = 3 ns, CL = 100 pF for the INT, DMARQ, D0– D15 outputs.
1, 3: CS or Address valid to ALE low set-up time.
11: WR pulse width
2, 4: CS or Address valid to ALE low hold time.
12: WR high to next ALE high
5: ALE pulse width
13: WR high to next WR or RD low
6: RD high to next ALE high
14: Data valid to WR high set-up time
7: ALE low to RD low
15: Data valid to WR high hold time
8: RD pulse width
16: RD low to data bus out of TRI-STATE
9: RD high to next RD or WR low
17: RD high to TRI-STATE
10: ALE low to WR low
18: RD low to data valid (access time)
DS011711-19
FIGURE 10. Multiplexed Data Bus
www.national.com
15


Similar Part No. - LM12L458CIV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12L458CIV NSC-LM12L458CIV Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458CIV TI1-LM12L458CIV Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458CIV/NOPB TI1-LM12L458CIV/NOPB Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12L458CIV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com