Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3A1065ELJ Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ICE3A1065ELJ
Description  Off-Line SMPS Current Mode Controller with integrated 650V
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3A1065ELJ Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ICE3A1065ELJ_12 Datasheet HTML 6Page - Infineon Technologies AG ICE3A1065ELJ_12 Datasheet HTML 7Page - Infineon Technologies AG ICE3A1065ELJ_12 Datasheet HTML 8Page - Infineon Technologies AG ICE3A1065ELJ_12 Datasheet HTML 9Page - Infineon Technologies AG ICE3A1065ELJ_12 Datasheet HTML 10Page - Infineon Technologies AG ICE3A1065ELJ_12 Datasheet HTML 11Page - Infineon Technologies AG ICE3A1065ELJ_12 Datasheet HTML 12Page - Infineon Technologies AG ICE3A1065ELJ_12 Datasheet HTML 13Page - Infineon Technologies AG ICE3A1065ELJ_12 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
PWM OP
0.6V
10k
Ω
Oscillator
C8
T2
R1
C1
FB
PWM-Latch
V1
Gate Driver
Voltage Ramp
VOSC
Soft-Start Comparator
time delay
circuit (156ns)
X3.2
PWM Comparator
CoolSET®-F3
ICE3A1065ELJ
Functional Description
Version 2.3
10
19 Nov 2012
Figure 6
Improved Current Mode
t
t
VOSC
0.6V
FB
t
max.
Duty Cycle
Gate Driver
Voltage Ramp
156ns time delay
Figure 7
Light Load Conditions
3.3.1
PWM-OP
The input of the PWM-OP is applied over the internal
leading edge blanking to the external sense resistor
RSense connected to pin CS. RSense converts the source
current into a sense voltage. The sense voltage is
amplified with a gain of 3.2 by PWM OP. The output of
the PWM-OP is connected to the voltage source V1.
The voltage ramp with the superimposed amplified
current signal is fed into the positive inputs of the PWM-
Comparator C8 and the Soft-Start-Comparator (see
Figure 6).
3.3.2
PWM-Comparator
The PWM-Comparator compares the sensed current
signal of the integrated CoolMOS® with the feedback
signal VFB (see Figure 8). VFB is created by an external
optocoupler or external transistor in combination with
the internal pull-up resistor RFB and provides the load
information of the feedback circuitry. When the
amplified current signal of the integrated CoolMOS®
exceeds the signal VFB the PWM-Comparator switches
off the Gate Driver.
X3.2
PWM OP
Improved
Current Mode
PWM Comparator
CS
Soft-Start Comparator
5V
C8
0.6V
FB
Optocoupler
RFB
PWM-Latch
Figure 8
PWM Controlling


Similar Part No. - ICE3A1065ELJ_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
More results

Similar Description - ICE3A1065ELJ_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3BR0665J INFINEON-ICE3BR0665J Datasheet
916Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3A2065ELJ INFINEON-ICE3A2065ELJ_12 Datasheet
788Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3RBR0665JZ INFINEON-ICE3RBR0665JZ Datasheet
667Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3RBR4765JZ INFINEON-ICE3RBR4765JZ Datasheet
670Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3BR0665JZ INFINEON-ICE3BR0665JZ Datasheet
569Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
ICE3BR1765JZ INFINEON-ICE3BR1765JZ Datasheet
565Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
ICE3BR0665JF INFINEON-ICE3BR0665JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 11 Sep 2008
ICE3BR1765J INFINEON-ICE3BR1765J Datasheet
905Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3RBR1765JZ INFINEON-ICE3RBR1765JZ Datasheet
664Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com