Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA12-120UK-M Datasheet(PDF) 3 Page - Artesyn Technologies

Part # DA12-120UK-M
Description  Total Power: 12 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA12-120UK-M Datasheet(HTML) 3 Page - Artesyn Technologies

  DA12-120UK-M Datasheet HTML 1Page - Artesyn Technologies DA12-120UK-M Datasheet HTML 2Page - Artesyn Technologies DA12-120UK-M Datasheet HTML 3Page - Artesyn Technologies DA12-120UK-M Datasheet HTML 4Page - Artesyn Technologies DA12-120UK-M Datasheet HTML 5Page - Artesyn Technologies DA12-120UK-M Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DA12-M Series Data Sheet
Mechanical Drawings
2.36”
(60)
CONNECTOR PIN-OUT DETAIL
(-)
(+)
59”
(1500)
CONNECTOR PIN-OUT DETAIL
(+)
(-)
2.36”
(60)
59”
(1500)
DA12-XXXUS-M
DA12-XXXAU-M


Similar Part No. - DA12-120UK-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA12-120UK-M EMERSON-NETWORKPOWER-DA12-120UK-M Datasheet
692Kb / 4P
   Medical and ITE Safeties
DA12-120UK-M EMERSON-NETWORKPOWER-DA12-120UK-M Datasheet
603Kb / 4P
   Medical and ITE Safeties
logo
Artesyn Technologies
DA12-120UK-M ARTESYN-DA12-120UK-M Datasheet
2Mb / 6P
   Medical and ITE Safeties
More results

Similar Description - DA12-120UK-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
   Total Power: 75 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
AIF04ZPFC-01L ARTESYN-AIF04ZPFC-01L Datasheet
549Kb / 3P
   Total Power: 1600 Watts
AGH360-48S12-6L ARTESYN-AGH360-48S12-6L Datasheet
824Kb / 3P
   Total Power: 360 Watts
NPS62-M ARTESYN-NPS62-M Datasheet
589Kb / 3P
   Total Power: 60 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com