Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM301AN Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM301AN
Description  Non Compensated Single Operational Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM301AN Datasheet(HTML) 4 Page - ON Semiconductor

  LM301AN Datasheet HTML 1Page - ON Semiconductor LM301AN Datasheet HTML 2Page - ON Semiconductor LM301AN Datasheet HTML 3Page - ON Semiconductor LM301AN Datasheet HTML 4Page - ON Semiconductor LM301AN Datasheet HTML 5Page - ON Semiconductor LM301AN Datasheet HTML 6Page - ON Semiconductor LM301AN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LM301A, LM201A, LM201AV
http://onsemi.com
4
C1 = 3.0 pF
C1 = 30 pF
Single-Pole Compensation
Figure 4. Minimum Input Voltage Range
Figure 5. Minimum Output Voltage Swing
Figure 6. Minimum Voltage Gain
Figure 7. Typical Supply Currents
Figure 8. Open Loop Frequency Response
Figure 9. Large Signal Frequency Response
VCC, ( -VEE), SUPPLY VOLTAGE (V)
VCC, ( -VEE), SUPPLY VOLTAGE (V)
VCC, ( -VEE), SUPPLY VOLTAGE (V)
VCC, ( -VEE), SUPPLY VOLTAGE (V)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
Phase
Gain
C1 = 3.0 pF
C1 = 30 pF
20
16
12
8.0
4.0
0
0
5.0
10
15
20
20
16
12
8.0
4.0
0
0
5.0
10
15
20
0
5.0
10
15
20
0
5.0
10
15
20
100
94
88
82
76
70
2.5
2.0
1.5
1.0
0.5
0
1.0 k
10 k
100 k
1.0 M
10 M
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
315
270
225
180
135
90
45
0
180
160
140
120
100
80
60
40
20
0
-20
15
10
5.0
0
Minimum
RL = 10 k
Minimum
RL = 2.0 k
TA = +25°C
Single-Pole Compensation
Negative
Positive
Applicable to the Specified
Operating Temperature
Ranges
Applicable to the Specified
Operating Temperature
Ranges
Applicable to the Specified
Operating Temperature
Ranges
LM201A
only
LM201A
only
LM201A
only
LM201A
only


Similar Part No. - LM301AN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301AN MOTOROLA-LM301AN Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM301AN NSC-LM301AN Datasheet
509Kb / 17P
   Operational Amplifiers
logo
STMicroelectronics
LM301AN STMICROELECTRONICS-LM301AN Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM301AN FAIRCHILD-LM301AN Datasheet
60Kb / 6P
   Single Operational Amplifier
logo
ON Semiconductor
LM301AN ONSEMI-LM301AN Datasheet
94Kb / 8P
   Non Compensated Single Operational Amplifiers
July, 2005 ??Rev. 10
More results

Similar Description - LM301AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM301A ONSEMI-LM301A Datasheet
94Kb / 8P
   Non Compensated Single Operational Amplifiers
July, 2005 ??Rev. 10
logo
Siemens Semiconductor G...
TAA762 SIEMENS-TAA762 Datasheet
315Kb / 13P
   Single Operational Amplifiers
logo
Panasonic Semiconductor
AN1741 PANASONIC-AN1741 Datasheet
110Kb / 4P
   Single Operational Amplifiers
logo
Siemens Semiconductor G...
TBA221 SIEMENS-TBA221 Datasheet
317Kb / 9P
   Single Operational Amplifiers
logo
National Semiconductor ...
MJLM108A-X NSC-MJLM108A-X Datasheet
440Kb / 19P
   OPERATIONAL AMPLIFIERS (SINGLE)
logo
STMicroelectronics
LM201ADT STMICROELECTRONICS-LM201ADT Datasheet
227Kb / 11P
   SINGLE OPERATIONAL AMPLIFIERS
logo
Elantec Semiconductor
EL2423D ELANTEC-EL2423D Datasheet
328Kb / 1P
   Quad De-Compensated High Speed Operational Amplifiers
logo
Texas Instruments
TLV2211IDBVRG4 TI1-TLV2211IDBVRG4 Datasheet
713Kb / 31P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Siemens Semiconductor G...
TAE1453 SIEMENS-TAE1453 Datasheet
246Kb / 11P
   Single PNP-Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com