Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3302DG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC3302DG
Description  Single Supply Quad Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3302DG Datasheet(HTML) 2 Page - ON Semiconductor

  MC3302DG Datasheet HTML 1Page - ON Semiconductor MC3302DG Datasheet HTML 2Page - ON Semiconductor MC3302DG Datasheet HTML 3Page - ON Semiconductor MC3302DG Datasheet HTML 4Page - ON Semiconductor MC3302DG Datasheet HTML 5Page - ON Semiconductor MC3302DG Datasheet HTML 6Page - ON Semiconductor MC3302DG Datasheet HTML 7Page - ON Semiconductor MC3302DG Datasheet HTML 8Page - ON Semiconductor MC3302DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LM339, LM339E, LM239, LM2901, LM2901E, LM2901V, NCV2901, MC3302
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
LM239/LM339, E/LM2901, E, V
MC3302
VCC
+36 or
±18
+30 or
±15
Vdc
Input Differential Voltage Range
LM239/LM339, E/LM2901, E, V
MC3302
VIDR
36
30
Vdc
Input Common Mode Voltage Range
VICMR
−0.3 to VCC
Vdc
Output Short Circuit to Ground (Note 1)
ISC
Continuous
Power Dissipation @ TA = 25°C
Plastic Package
Derate above 25
°C
PD
1/RqJA
1.0
8.0
W
mW/
°C
Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
LM239
MC3302
LM2901, LM2901E
LM2901V, NCV2901
LM339, LM339E
TA
−25 to +85
−40 to +85
−40 to +105
−40 to +125
0 to +70
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The maximum output current may be as high as 20 mA, independent of the magnitude of VCC. Output short circuits to VCC can cause excessive
heating and eventual destruction.
ESD RATINGS
Rating
HBM
MM
Unit
ESD Protection at any Pin (Human Body Model − HBM, Machine Model − MM)
NCV2901
LM339E, LM2901E
LM339DG/DR2G, LM2901DG/DR2G
All Other Devices
2000
1500
250
1500
200
200
100
200
V
V
V
V
Figure 1. Circuit Schematic
VCC
+ Input
- Input
Output
GND
NOTE: Diagram shown is for 1 comparator.


Similar Part No. - MC3302DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3302DG ONSEMI-MC3302DG Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
More results

Similar Description - MC3302DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
NCV2901DTBR2G ONSEMI-NCV2901DTBR2G Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
   QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com