Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK-H6 Datasheet(PDF) 3 Page - Recom International Power

Part # RK-H6
Description  high 6.4kVDC Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RK-H6 Datasheet(HTML) 3 Page - Recom International Power

  RK-H6 Datasheet HTML 1Page - Recom International Power RK-H6 Datasheet HTML 2Page - Recom International Power RK-H6 Datasheet HTML 3Page - Recom International Power RK-H6 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC/DC Converter
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
RK/H6 & RH/H6
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
free air convection, without derating (see graph)
-40°C to +90°C
Operating Humidity
non-condensing
5% - 95% RH max.%
MTBF (+25°C)
(+85°C)
according to MIL-HDBK-217F, full load
14919 x 10³ hours
9468 x 10³ hours
Derating Graph
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
E224736-A25
UL60950-1, 2nd Edition, 2014
CSA/CAN C22.2 No. 60950-1-07, 2nd Edition, 2014
Information Technology Equipment, General Requirements for Safety
E224736-A26-CB-1
IEC60950-1, 2nd Edition, 2013
Audio/video, information and communication technology equipment
Part 1: safety requirements
OFF-4787079973-A-2
IEC62368-1, 2nd Edition, 2014
EMI Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance
characteristics - Limits and methods of measurement
no external filter necessary
only with external filter (see suggestions)
EN55022, Class A
EN55022, Class B
ECO-3
REV.: 2/2016
www.recom-power.com
DC
DC
C2
L1
RK-xxyyS/H6 + RH-xxyyS/H6
C1
C2
L1 Vin
10µF 470pF/8kVDC 10µH 5V
4.7µF 470pF/8kVDC 22µH 12V
4.7µF 470pF/8kVDC 22µH 15V
10µF 470pF/8kVDC 47µH 24V
DC
DC
C1
C1
C2
Fuse
Fuse
L1
C1 = MLCC
L1 = SMD Inductor
+Vin
-Vin
+Vin
-Vin
+Vout
Com
-Vout
+Vout
-Vout
EMC Filtering - Suggestions for Class B
100
80
60
40
20
0
-40
0
50
100
90 95
150
Ambient Temperature (°C)
Safe Operating Area


Similar Part No. - RK-H6

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RK-H6 RECOM-RK-H6_18 Datasheet
951Kb / 5P
   1 Watt SIP7 Single and Dual Output
More results

Similar Description - RK-H6

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C25F1-02S ANAREN-X3C25F1-02S Datasheet
871Kb / 18P
   High Isolation
JP503AS ANAREN-JP503AS Datasheet
755Kb / 10P
   High Isolation
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-6003 AVAGO-ACMD-6003 Datasheet
455Kb / 14P
   High Isolation
logo
California Eastern Labs
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Mini-Circuits
ZFSWHA-1-20 MINI-ZFSWHA-1-20 Datasheet
263Kb / 2P
   High Isolation Switch
RSW-2-25PA MINI-RSW-2-25PA Datasheet
289Kb / 5P
   High Isolation Switch
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Solid State Optronic
TD3082 SSOUSA-TD3082 Datasheet
436Kb / 9P
   High Isolation Voltage
logo
MicroPower Direct, LLC
A100UHI MPD-A100UHI Datasheet
267Kb / 2P
   Ultra High Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com